Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 16Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 17Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
2003 Oct 02
20
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
9.2.4
DATA BYTE FOR DATA MODE
Table 14 Bit description of SAD register for data mode (SAD = 10)
Note
1. For positive modulation choose 6.5 MHz.
Table 15 Options in extended TV mode; bit B3 = 0 of SAD 00 register
Note
1. The corresponding port function has to be disabled (set to ‘high-impedance’); see Table 11 and Chapter 12, Table
of Characteristics, note 12.
BIT
VALUE
DESCRIPTION
E7
VIF-AGC and port features
dependent on bit E5; see Table 15
E6
L standard PLL gating
1
gating in case of 36 % positive modulation
0
gating in case of 0 % positive modulation
E5
VIF, SIF and tuner minimum gain
dependent on bit E7; see Table 15
E4 to E2
Vision intermediate frequency selection
see Table 16
E1 and E0
Sound intercarrier frequency selection (sound 2nd IF)
00
fFM = 4.5 MHz
01
fFM = 5.5 MHz
10
fFM = 6.0 MHz
11
fFM = 6.5 MHz; note 1
FUNCTION
BIT E7 = 0
BIT E7 = 1
BIT E5 = 0
BIT E5 = 1
BIT E5 = 0
BIT E5 = 1
Pin OP1
port function
port function
port function
VIF-AGC external input(1)
Pin OP2
port function
port function
VIF-AGC output(1)
port function
Gain
normal gain
minimum gain
normal gain
external gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com