Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 24Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 25Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
2003 Oct 02
22
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Machine model in accordance with SNW-FQ-302B: class C, discharging a 200 pF capacitor via a 0.75
µH series
inductance.
2. Human body model in accordance with SNW-FQ-302A: class 2, discharging a 100 pF capacitor via a 1.5 k
Ω series
resistor.
11 THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
5.5
V
Vn
voltage on
pins VIF1, VIF2, SIF1, SIF2, OP1, OP2, VP, and FMPLL
0
VP
V
pin TAGC
0
8.8
V
tsc
short-circuit time to ground or VP
−
10
s
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
TDA9885T (SO24), TDA9885TS (SSOP24),
TDA9886T (SO24) and TDA9886TS (SSOP24)
−20
+70
°C
TDA9885HN (HVQFN32)
and TDA9886HN (HVQFN32)
−20
+85
°C
Ves
electrostatic discharge voltage on all pins
note 1
−400
+400
V
note 2
−4000
+3500
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA9885T (SO24)
76
K/W
TDA9885TS (SSOP24)
118
K/W
TDA9885HN (HVQFN32)
40
K/W
TDA9886T (SO24)
76
K/W
TDA9886TS (SSOP24)
118
K/W
TDA9886HN (HVQFN32)
40
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com