Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 24Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 25Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 26Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 27Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 28Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 29Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
2003 Oct 02
26
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
αSC2(60kHz)
attenuation at second sound
carrier fSC2 ± 60 kHz
f = 5.742 MHz
15
21
−
dB
td(g)(cc)
group delay at colour carrier
frequency
f = 4.43 MHz;
see Fig.16
110
180
250
ns
I STANDARD; see Fig.17
Bv(−3dB)(trap)
−3 dB video bandwidth
including sound carrier trap
ftrap = 6.0 MHz; note 10 5.40
5.50
−
MHz
αSC1
attenuation at first sound carrier
f = 6.0 MHz
26
32
−
dB
α
SC1(60kHz)
attenuation at first sound carrier
fSC1 ± 60 kHz
f = 6.0 MHz
20
26
−
dB
α
SC2
attenuation at second sound
carrier
f = 6.55 MHz
12
18
−
dB
α
SC2(60kHz)
attenuation at second sound
carrier fSC2 ± 60 kHz
f = 6.55 MHz
10
15
−
dB
td(g)(cc)
group delay at colour carrier
frequency
f = 4.43 MHz
−
90
160
ns
D/K STANDARD; see Fig.18
Bv(−3dB)(trap)
−3 dB video bandwidth
including sound carrier trap
ftrap = 6.5 MHz; note 10 5.50
5.95
−
MHz
α
SC1
attenuation at first sound carrier
f = 6.5 MHz
26
32
−
dB
α
SC1(60kHz)
attenuation at first sound carrier
fSC1 ± 60 kHz
f = 6.5 MHz
20
26
−
dB
αSC2
attenuation at second sound
carrier
f = 6.742 MHz
18
24
−
dB
α
SC2(60kHz)
attenuation at second sound
carrier fSC2 ± 60 kHz
f = 6.742 MHz
13
18
−
dB
td(g)(cc)
group delay at colour carrier
frequency
f = 4.28 MHz
−
60
130
ns
Video output 1.1 V (pin CVBS)
TRAP BYPASS MODE AND SOUND CARRIER OFF; note 11
Vo(v)(p-p)
video output voltage
(peak-to-peak value)
see Fig.5
0.95
1.10
1.25
V
Vsync
sync voltage level
1.35
1.5
1.6
V
Vclip(u)
upper video clipping voltage
level
3.5
3.6
−
V
Vclip(l)
lower video clipping voltage
level
−
0.9
1.0
V
Bv(−1dB)
−1 dB video bandwidth
CL < 20 pF; RL >1kΩ;
AC load
56
−
MHz
Bv(−3dB)
−3 dB video bandwidth
CL < 20 pF; RL >1kΩ;
AC load
78
−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com