Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 30Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 31Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 32Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 33Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 34Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 35Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 36Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 37Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
2003 Oct 02
34
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
Notes
1. Values of video and sound parameters can be decreased at VP = 4.5 V.
2. Level headroom for input level jumps during gain control setting.
3. This parameter is not tested during the production and is only given as application information for designing the
receiver circuit.
4. Loop bandwidth BL = 70 kHz (damping factor d = 1.9; calculated with sync level within gain control range).
Calculation of the VIF-PLL filter can be done by use of the following formula:
, valid for d
≥ 1.2
,
where:
KO is the VCO steepness
or
; KD is the phase detector steepness
;
R is the loop resistor; C is the loop capacitor; BL−3dB is the loop bandwidth for −3 dB; d is the damping factor.
5. Vi(VIF) = 10 mV (RMS); ∆f = 1 MHz (VCO frequency offset related to picture carrier frequency); white picture video
modulation.
6. Condition: luminance range (5 steps) from 0 % to 100 %.
7. S/N is the ratio of black-to-white amplitude to the black level noise voltage (RMS value on pin CVBS). B = 5 MHz
(B/G, I and D/K standard). Noise analyzer setting: 200 kHz high-pass and SC-trap switched on.
8. The intermodulation figures are defined for:
a) f = 1.1 MHz (referenced to black and white signal) as
b) f = 3.3 MHz (referenced to colour carrier) as
I2C-bus transceiver (pins SDA and SCL); notes 30 and 31
fSCL
SCL clock frequency
0
−
400
kHz
VIH
HIGH-level input voltage
3
−
VCC
V
VIL
LOW-level input voltage
−0.3
−
+1.5
V
IIH
HIGH-level input current
−10
−
+10
µA
IIL
LOW-level input current
−10
−
+10
µA
VOL
LOW-level output voltage
IOL =3mA
−−
0.4
V
Io(sink)
output sink current
VP =0V
−−
10
µA
Io(source)
output source current
VP =0V
−−
10
µA
Output ports (pins OP1 and OP2); note 32
VOL
LOW-level output voltage
IOL = 2 mA (sink
current)
−−
0.4
V
VOH
HIGH-level output voltage
−−
6V
Io(sink)
output sink current
−−
2mA
Io(sink/source)(max)
maximum output sink or source
current
pin OP2 functions as
VIF-AGC output
−−
10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BL
3dB
–
1
2
π
------- KOKDR
=
d
1
2
--- RKOKDC
=
rad
V
--------


2
π
Hz
V
-------


µA
rad
--------


α
IM
20
V
0 at 4.4 MHz
V
0 at 1.1 MHz
-------------------------------------

 3.6 dB
+
log
=
α
IM
20
V
0 at 4.4 MHz
V
0 at 3.3 MHz
-------------------------------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com