Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 43Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 45Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 46Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 47Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 48Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
2003 Oct 02
45
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
handbook, full pagewidth
10
0
−70
30
45
105
75
90
60
MHC119
−50
−30
−20
−10
−40
−60
S/NW
(dB)
(1)
(2)
Vi (dBµV)
Fig.20 Typical audio signal-to-noise ratio as a function of input signal at AM standard.
Condition: m = 54 %.
(1) Signal.
(2) Noise.
handbook, full pagewidth
0
1.5
THD
(%)
102
MHC120
10
1
10−1
fAF (kHz)
10−2
0.5
1.0
Fig.21 Typical total harmonic distortion as a function of audio frequency at AM standard.
CAGC = 2.2 µF; m=54%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com