Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 33Page - Texas Instruments TMS320F2811 Datasheet HTML 34Page - Texas Instruments TMS320F2811 Datasheet HTML 35Page - Texas Instruments TMS320F2811 Datasheet HTML 36Page - Texas Instruments TMS320F2811 Datasheet HTML 37Page - Texas Instruments TMS320F2811 Datasheet HTML 38Page - Texas Instruments TMS320F2811 Datasheet HTML 39Page - Texas Instruments TMS320F2811 Datasheet HTML 40Page - Texas Instruments TMS320F2811 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
vector table mapping (continued)
Reset
(Power-on Reset or
Warm Reset)
PIE Disabled (ENPIE = 0)
VMAP = 1
OBJMODE = 0
AMODE = 0
M0M1MAP = 1
XMP/MC
input signal
= 0?†
(F2812 Only)
Reset Vector Fetched
from XINTF Vector Map
Reset Vector Fetched
from Boot ROM
Branch into Bootloader
routines depending on
the state of GPIO Pins
Using
Peripheral
Interrupts?
VMAP = 1?
(F2812 Only)
Vectors (except for reset) will be
fetched from XINTF Vector Map§
Vectors (except for reset)
will be Fetched From
BROM Vector Map§
MP/MC
status bit =
0?¶
Vectors (except for reset)
will be
fetched from PIE Vector Map§
No
Yes
No
Yes
No
Yes
No
Yes
Vectors (except for reset) will be
fetched from M0 Vector Map§
† The XMP/MC input signal is tied low internally on the F2810.
‡ The compatibility operating mode of the F2810 and F2812 is determined by a combination of the OBJMODE and AMODE bits in Status
Register 1 (ST1):
Operating Mode
OBJMODE
AMODE
C28x Mode
1
0
C2xLP Source-Compatible
1
1
C27x Object-Compatible
0
0
(Default at reset)
§ The reset vector is always fetched from either the BROM or XINTF vector map depending on the XMP/MC input signal.
¶ The state of the XMP/MC signal is latched into the MP/MC bit at reset, it can then be modified by software.
Recommended Flow for F2810/F2812 Applications
Used for Test Purposes Only
User Code Initializes:
OBJMODE and AMODE State‡
PIE Enable (ENPIE = 1)
PIE Vector Table
PIEIERx Registers
CPU IER Register and INTM
User Code Initializes:
OBJMODE and AMODE State‡
CPU IER Register and INTM
VMAP State
MP/MC Status Bit¶
Figure 7. Reset Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com