| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 103 page ![]() TMS320F2810, TMS320F2812 DIGITAL SIGNAL PROCESSORS SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001 16 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 description The TMS320F2810 and TMS320F2812 devices, members of the TMS320C28x DSP generation, are highly integrated, high-performance solutions for demanding control applications. The functional blocks and the memory maps are described in subsequent paragraphs. C28x CPU The C28x DSP generation is the newest member of the TMS320C2000 DSP platform. The C28x is source code compatible to the 24x/240x DSP devices, hence existing 240x users can leverage their significant software investment. Additionally, the C28x is a very efficient C/C++ engine, hence enabling users to develop not only their system control software in a high-level language, but also enables math algorithms to be developed using C/C++. The C28x is as efficient in DSP math tasks as it is in system control tasks that typically are handled by microcontroller devices. This efficiency removes the need for a second processor in many systems. The 32 x 32-bit MAC capabilities of the C28x and its 64-bit processing capabilities, enable the C28x to efficiently handle higher numerical resolution problems that would otherwise demand a more expensive floating-point processor solution. Add to this the fast interrupt response with automatic context save of critical registers, resulting in a device that is capable of servicing many asynchronous events with minimal latency. The C28x has an 8-level-deep protected pipeline with pipelined memory accesses. This pipelining enables the C28x to execute at high speeds without resorting to expensive high-speed memories. Special branch-look-ahead hardware minimizes the latency for conditional discontinuities. Special store conditional operations further improve performance. memory bus (Harvard bus architecture) As with many DSP type devices, multiple busses are used to move data between the memories and peripherals and the CPU. The C28x memory bus architecture contains a program read bus, data read bus and data write bus. The program read bus consists of 22 address lines and 32 data lines. The data read and write busses consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable single cycle 32-bit operations. The multiple bus architecture, commonly termed “Harvard Bus”, enables the C28x to fetch an instruction, read a data value and write a data value in a single cycle. All peripherals and memories attached to the memory bus will prioritize memory accesses. Generally, the priority of Memory Bus accesses can be summarized as follows: Highest: Data Writes† Program Writes† Data Reads Program Reads‡ Lowest: Fetches‡ peripheral bus To enable migration of peripherals between various Texas Instruments (TI) DSP family of devices, the F2810 and F2812 adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge multiplexes the various busses that make up the processor “Memory Bus” into a single bus consisting of 16 address lines and 16 or 32 data lines and associated control signals. There are two versions of the peripheral bus supported on the F2810 and F2812. One version only supports 16-bit accesses (called peripheral frame 2) and this retains compatibility with C240x compatible peripherals. The other version supports both 16- and 32-bit accesses (called peripheral frame 1) and is used to connect peripherals requiring higher throughput. TMS320C28x, C28x, and TMS320C2000 are trademarks of Texas Instruments. † Simultaneous Data and Program writes cannot occur on the Memory Bus. ‡ Simultaneous Program Reads and Fetches cannot occur on the Memory Bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |