Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 41Page - Texas Instruments TMS320F2811 Datasheet HTML 42Page - Texas Instruments TMS320F2811 Datasheet HTML 43Page - Texas Instruments TMS320F2811 Datasheet HTML 44Page - Texas Instruments TMS320F2811 Datasheet HTML 45Page - Texas Instruments TMS320F2811 Datasheet HTML 46Page - Texas Instruments TMS320F2811 Datasheet HTML 47Page - Texas Instruments TMS320F2811 Datasheet HTML 48Page - Texas Instruments TMS320F2811 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
system control (continued)
The PLL, clocking, watchdog and low-power modes, are controlled by the registers listed in Table 31.
Table 31. PLL, Clocking, Watchdog, and Low-Power Mode Registers†
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
reserved
0x0000–7010
0x0000–7017
8
reserved
0x0000–7018
1
reserved
0x0000–7019
1
HISPCP
0x0000–701A
1
High-Speed Peripheral Clock Prescaler Register for HSPCLK clock
LOSPCP
0x0000–701B
1
Low-Speed Peripheral Clock Prescaler Register for HSPCLK clock
PCLKCR
0x0000–701C
1
Peripheral Clock Control Register
reserved
0x0000–701D
1
LPMCR0
0x0000–701E
1
Low Power Mode Control Register 0
LPMCR1
0x0000–701F
1
Low Power Mode Control Register 1
reserved
0x0000–7020
1
PLLCR
0x0000–7021
1
PLL Control Register‡
SCSR
0x0000–7022
1
System Control & Status Register
WDCNTR
0x0000–7023
1
Watchdog Counter Register
reserved
0x0000–7024
1
WDKEY
0x0000–7025
1
Watchdog Reset Key Register
reserved
0x0000–7026
0x0000–7028
3
WDCR
0x0000–7029
1
Watchdog Control Register
reserved
0x0000–702A
0x0000–702F
6
† All of the above registers can only be accessed, by executing the EALLOW instruction.
‡ The PLL control register (PLLCR) is reset to a known state by the XRS signal only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com