Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 42Page - Texas Instruments TMS320F2811 Datasheet HTML 43Page - Texas Instruments TMS320F2811 Datasheet HTML 44Page - Texas Instruments TMS320F2811 Datasheet HTML 45Page - Texas Instruments TMS320F2811 Datasheet HTML 46Page - Texas Instruments TMS320F2811 Datasheet HTML 47Page - Texas Instruments TMS320F2811 Datasheet HTML 48Page - Texas Instruments TMS320F2811 Datasheet HTML 49Page - Texas Instruments TMS320F2811 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
system control (continued)
The PCLKCR1 and PCLKCR2 registers basically enable/disable clocks to the various peripheral modules in
the F2810 and F2812 devices. Table 32 lists the bit descriptions of the PCLKCR1 and PCLKCR2 registers.
Table 32. PCLKCR Register Bit Definitions†
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
0
EVAENCLK
R/W
0
If this bit is set, it enables the high-speed clock (HSPCLK) within the EV-A
peripheral. For low power operation, this bit is set to zero by the user or
by reset.
1
EVBENCLK
R/W
0
If this bit is set, it enables the high-speed clock (HSPCLK) within the EV-B
peripheral. For low power operation, this bit is set to zero by the user or
by reset.
2
reserved
R=0
0
reserved
3
ADCENCLK
R/W
0
If this bit is set, it enables the high-speed clock (HSPCLK) within the ADC
peripheral. For low power operation, this bit is set to zero by the user or
by reset.
7:4
reserved
R=0
0:0
8
SPIAENCLK
R/W
0
If this bit is set, it enables the low-speed clock (LSPCLK) within the SPI
peripheral. For low power operation, this bit is set to zero by the user or
by reset.
9
reserved
R=0
0
reserved
10
SCIAENCLK
R/W
0
If this bit is set, it enables the low-speed clock (LSPCLK) within the SCI-A
peripheral. For low power operation, this bit is set to zero by the user or
by reset.
11
SCIBENCLK
R/W
0
If this bit is set, it enables the low-speed clock (LSPCLK) within the SCI-B
peripheral. For low power operation, this bit is set to zero by the user or
by reset.
12
MAENCLK
R/W
0
If this bit is set, it enables the low-speed clock (LSPCLK) within the
McBSP peripheral. For low power operation, this bit is set to zero by the
user or by reset.
13
reserved
R=0
0
reserved
14
HECCAENCLK
R/W
0
If this bit is set, it enables the system clock within the CAN peripheral. For
low power operation, this bit is set to zero by the user or by reset.
15
reserved
R=0
0
reserved
† If a peripheral block is not used, then the clock to that peripheral can be turned off to minimize power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com