Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments TMS320F2811 Datasheet HTML 24Page - Texas Instruments TMS320F2811 Datasheet HTML 25Page - Texas Instruments TMS320F2811 Datasheet HTML 26Page - Texas Instruments TMS320F2811 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
register map (continued)
Table 6. Peripheral Frame 2 Registers†
NAME
ADDRESS RANGE
SIZE (x16)
ACCESS TYPE
reserved
0x0000 7000
0x0000 700F
16
System Control Registers
0x0000 7010
0x0000 702F
32
EALLOW Protected
reserved
0x0000 7030
0x0000 703F
16
SPI-A Registers
0x0000 7040
0x0000 704F
16
Not EALLOW Protected
SCI-A Registers
0x0000 7050
0x0000 705F
16
Not EALLOW Protected
reserved
0x0000 7060
0x0000 706F
16
External Interrupt Registers
0x0000 7070
0x0000 707F
16
Not EALLOW Protected
reserved
0x0000 7080
0x0000 70BF
64
GPIO Mux Registers
0x0000 70C0
0x0000 70DF
32
EALLOW Protected
GPIO Data Registers
0x0000 70E0
0x0000 70FF
32
Not EALLOW Protected
ADC Registers
0x0000 7100
0x0000 711F
32
Not EALLOW Protected
reserved
0x0000 7120
0x0000 73FF
736
EV-A Registers
0x0000 7400
0x0000 743F
64
Not EALLOW Protected
reserved
0x0000 7440
0x0000 74FF
192
EV-B Registers
0x0000 7500
0x0000 753F
64
Not EALLOW Protected
reserved
0x0000 7540
0x0000 774F
528
SCI Registers
0x0000 7750
0x0000 775F
16
Not EALLOW Protected
reserved
0x0000 7760
0x0000 77FF
160
McBSP Registers
0x0000 7800
0x0000 783F
64
Not EALLOW Protected
reserved
0x0000 7840
0x0000 7FFF
1984
† Peripheral Frame 2 only allows 16-bit accesses. All 32-bit accesses are ignored (invalid data may be returned or written).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com