Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 59Page - Texas Instruments TMS320F2811 Datasheet HTML 60Page - Texas Instruments TMS320F2811 Datasheet HTML 61Page - Texas Instruments TMS320F2811 Datasheet HTML 62Page - Texas Instruments TMS320F2811 Datasheet HTML 63Page - Texas Instruments TMS320F2811 Datasheet HTML 64Page - Texas Instruments TMS320F2811 Datasheet HTML 65Page - Texas Instruments TMS320F2811 Datasheet HTML 66Page - Texas Instruments TMS320F2811 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
event manager modules (EVA, EVB) (continued)
EXTCONA is an added control register to enable and disable the added/modified features. It is required for
compatibility with 24x EV. EXTCONA enables and disables the additions and modifications in features. All
additions and modifications are disabled by default to keep compatibility with 24x EV (see Table 53).
Table 53. EXTCONA Register Bit Definitions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
0
INDCOE
R/W
0
Independent Compare Output Enable Mode: This bit, when set to one, allows
compare outputs to be enabled and disabled independently.
0
1
Independent Compare Output Enable mode is disabled. Time 1 and 2
compare outputs are enabled and disabled at the same time by
GPTCONA(6). Full Compare 1, 2, and 3 outputs are enabled and disabled
at the same time by COMCONA(9). GPTCONA(12,11,5,4) and
COMCONA(7:5, 2:0) are reserved. EVIFRA(0) enables and disables all
the compare outputs at the same time. EVIMR(0) enables and disables
PDP interrupt and the direct path of PDPINT signal at the same time.
Independent Compare Output Enable mode is enabled. Compare outputs
are enabled and disabled respectively by GPTCONA(5,4) and
COMCONA(7:5). Compare trips are enabled and disabled respectively
by
GPTCONA(12,11)
and
COMCONA(2:0).
GPTCONA(6)
and
COMCONA(9) are reserved. EVIFRA[0] is set to one when any trip input
is low and is also enabled. EVIMRA(0) functions only as interrupt enable
and disable.
1
QEPIQUAL
R/W
0
QEP/CAP3 Index Qualification Mode: This bit turns on and off QEP index
qualifier.
0
1
QEPI/CAP3 qualification mode is off. QEPI/CAP3 is allowed to pass the
qualifier unaffected.
QEPI/CAP3 qualification mode is on. A zero-to-one transition is allowed
to pass the qualifier only when both QEPA and QEPB are high. Otherwise
the output of the qualifier stays low.
2
QEPIE
R/W
0
QEP Index Enable: This bit enables and disables the QEPI input. The QEPI input
when enabled can cause Timer 2 to reset:
0
1
Disable QEPI. Transitions on QEPI don’t affect Timer 2.
Enable QEPI. Either a zero-to-one transition on QEPI alone (when
EXTCONA[1] = 0), or a zero-to-one transition plus QEPA and QEPB are
both high (when EXTCONA[1] = 1), causes Timer 2 to reset to zero.
3
EVSOCE
R/W
0
EV Start-of-Conversion Output Enable. This bit enables and disables the EV ADC
start-of-conversion output. When enabled, a negative (active-low) pulse of
32 x HSPCLK is generated on selected EV ADC start-of-conversion event. This
bit does not affect the EVTOADC signal routed to the ADC module as optional
SOC trigger.
0
1
Disable EVSOC output. EVSOC is in Hi-Z state.
Enable EVSOC output.
15:4
reserved
R = 0
0:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com