| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 103 page ![]() TMS320F2810, TMS320F2812 DIGITAL SIGNAL PROCESSORS SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001 55 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 low-power modes block (continued) The low-power modes are controlled by the LPMCR0 register (see Table 41) and the LPMCR1 register (see Table 42). Table 41. LPMCR0 Register Bit Definitions BIT(S) NAME TYPE RESET† DESCRIPTION 1,0 LPM‡ R/W 0,0 These bits set the low power mode for the device. 7:2 QUALSTDBY R/W 1:1 Select number of OSCCLK clock cycles to qualify the selected inputs when waking the LPM from STANDBY mode: 000000 = 2 OSCCLKs 000001 = 3 OSCCLKs . 111111 = 65 OSCCLKs 15:8 reserved R=0 0:0 † These bits are cleared by a reset (XRS). ‡ The low power mode bits (LPM) are only valid when the IDLE instruction is executed. Therefore, the user must set the LPM bits to the appropriate mode before executing the IDLE instruction. Table 42. LPMCR1 Register Bit Definitions BIT(S) NAME TYPE RESET† DESCRIPTION 0 XINT1 R/W 0 1 XNMI R/W 0 2 WDINT R/W 0 3 T1CTRIP R/W 0 4 T2CTRIP R/W 0 5 T3CTRIP R/W 0 6 T4CTRIP R/W 0 7 C1TRIP R/W 0 If the respective bit is set to 1, it will enable the selected signal to wake the 8 C2TRIP R/W 0 If the res ective bit is set to 1, it will enable the selected signal to wake the device from STANDBY mode. If the bit is cleared, the signal will have no effect. 9 C3TRIP R/W 0 10 C4TRIP R/W 0 11 C5TRIP R/W 0 12 C6TRIP R/W 0 13 SCIRXA R/W 0 14 SCIRXB R/W 0 15 CANRX R/W 0 † These bits are cleared by a reset (XRS). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |