Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 27Page - Texas Instruments TMS320F2811 Datasheet HTML 28Page - Texas Instruments TMS320F2811 Datasheet HTML 29Page - Texas Instruments TMS320F2811 Datasheet HTML 30Page - Texas Instruments TMS320F2811 Datasheet HTML 31Page - Texas Instruments TMS320F2811 Datasheet HTML 32Page - Texas Instruments TMS320F2811 Datasheet HTML 33Page - Texas Instruments TMS320F2811 Datasheet HTML 34Page - Texas Instruments TMS320F2811 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
XINTCNF2 register
Table 15. XINTCNF2 Register Bit Definitions
BITS
TYPE
NAME
RESET
DESCRIPTION
1,0
R/W
Write
Buffer
Depth
0,0
The write buffer allows the processor to continue execution without waiting for
XINTF write accesses to complete. The write buffer depth is selectable as follows:
Depth
Action
00
No write buffering. The CPU will be stalled until the write
completes on the XINTF.
Note: Default mode on reset (XRS).
01
The XINTF will buffer one word. The CPU is stalled until the
write cycle begins on the XINTF (there could be a read cycle
currently active on the XINTF).
10
One write will be buffered without stalling the CPU. The CPU
is stalled if a second write follows. The CPU will be stalled
until the first write begins its cycle on the XINTF.
11
Two writes will be buffered without stalling the CPU. The CPU
is stalled if a third write follows. The CPU will be stalled until
the first write begins its cycle on the XINTF.
The buffered access can be 8, 16, or 32 bits in length. Order of execution is
preserved, e.g., writes are performed in the order they were accepted. The
processor is stalled on XINTF reads until all pending writes are done and the read
access completes. If the buffer is full, any pending reads or writes to the buffer
will stall the processor.
The “Write Buffer Depth” can be changed; however, it is recommended that the
write buffer depth be changed only when the buffer is empty (this can be checked
by reading the “Write Buffer Level” bits). Writing to these bits when the level is not
zero may have unpredictable results.
2
R/W
CLKMODE
Mode
1
XCLKOUT divide by 2 mode. If this bit is set to 1, XCLKOUT is a divide by 2 of
XTIMCLK. If this bit is set to 0, XCLKOUT is equal to XTIMCLK. All bus timings,
irrespective of which mode is enabled, will start from the rising edge of XCLKOUT.
The default mode of operation on power up and reset is /2 mode.
3
R/W
CLKOFF
0
Turn XCLKOUT off mode. When this bit is set to 1, the XCLKOUT signal is turned
off. This is done for power savings and noise reduction. This bit is set to 0 on a
reset.
4
R
Reserved
1
Reserved
5
R
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com