Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA111MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 13Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 14Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 15Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 16Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 17Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 18Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 19Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 20Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
SCANSTA111
www.ti.com
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
MODE REGISTER0
Mode Register0 is an 8-bit data register used primarily to configure the Local Scan Port Network. Mode Register0
is initialized to 00000001 binary upon entering the Test-Logic-Reset state. Bits 0, 1, 2, and 4 are used for scan
chain configuration as described in Table 6. When the UNPARK instruction is executed, the scan chain
configuration is as shown in Table 6 below. When all LSPs are parked, the scan chain configuration is TDIB →
'STA111-register
→ TDOB. Bit 3 is used for TCKn configuration, see Table 7.
Table 6. Mode Register Control of LSPN(1)
Mode Register(s)
Scan Chain Configuration (if unparked)
MR0: X000X000
TDIB → Register → TDOB
MR0: X000X001
TDIB → Register → LSP0 → PAD → TDOB
MR0: X000X010
TDIB → Register → LSP1 → PAD → TDOB
MR0: X000X011
TDIB → Register → LSP0 → PAD → LSP1 → PAD → TDOB
MR0: X000X100
TDIB → Register → LSP2 → PAD → TDOB
MR0: X000X101
TDIB → Register → LSP0 → PAD → LSP2 → PAD → TDOB
MR0: X000X110
TDIB → Register → LSP1 → PAD → LSP2 → PAD → TDOB
MR0: X000X111
TDIB → Register → LSP0 → PAD → LSP1 → PAD → LSP2 → PAD → TDOB
MR0: X010X000
TDIB → Register → LSP3 → PAD → TDOB
MR0: X010X001
TDIB → Register → LSP0 → PAD → LSP3 → PAD → TDOB
MR0: X010X010
TDIB → Register → LSP1 → PAD → LSP3 → PAD → TDOB
MR0: X010X011
TDIB → Register → LSP0 → PAD → LSP1 → PAD → LSP5 → PAD → TDOB
MR0: X010X100
TDIB → Register → LSP2 → PAD → LSP3 → PAD → TDOB
...
...
MR0: X110X111
TDIB → Register → LSP0 → PAD → LSP1 → PAD → LSP2 → PAD → LSP3 → PAD → LSP4 → PAD → TDOB
MR0: X000X000MR1:
TDIB → Register → LSP5 → PAD → TDOB
XXXXX001 (2)
MR0: X000X001MR1:
TDIB → Register → LSP0 → PAD → LSP5 → PAD → TDOB
XXXXX001 (2)
MR0: X000X010MR1:
TDIB → Register → LSP1 → PAD → LSP5 → PAD → TDOB
XXXXX001 (2)
...
...
MR0: X110X111MR1:
TDIB → Register → LSP0 → PAD →→ LSP1 → PAD → LSP2 → PAD → LSP3 → PAD → LSP4 → PAD → LSP5 →
XXXXX001 (2)
PAD
→ TDOB
MR0: X000X000MR1:
TDIB → Register → LSP6 → PAD → TDOB
XXXXX010 (2)
...
...
MR0: X110X111MR1:
TDIB → Register → LSP0 → PAD → LSP1 → PAD → LSP2 → PAD → LSP3 → PAD → LSP4 → PAD → LSP5 →
XXXXX111 (2)
PAD
→ LSP6 → PAD → LSP7 → PAD → TDOB
MR0:
TDIB → Register → TDOB (Loopback)
XXX1XXXXMR1:
XXXXXXXX (2)
(1)
In a device with 8 LSPs there are 28 possible LSPN configurations: No LSPs, each individual LSP, combinations of 2 to 7 LSPs, and all
8 LSPs.
(2)
Mode Register1 is only available in the HDL version (up to eight LSPs). The Silicon version has three LSPs and uses Mode Register0 for
LSP selection.
Table 7. Test Clock Configuration
Bit 3
LSP n
TCK n
1
Parked
Stopped
0
Parked
Free-running
1
Unparked
Free-running
0
Unparked
Free-running
X
Parked-TLR
Stopped after 512 clock pulses
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com