Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA111MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 18Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 19Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 20Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 21Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
SCANSTA111
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
www.ti.com
PARAMETERIZED DESIGN (HDL)
In order to support a large number of applications, the 'STA111 HDL is parameterized as described:
•
Number of Local Scan Ports (LSPs): The 'STA111 HDL is able to simulate/synthesize a device that
contains from 1 to 8 LSPs. LSP0 through LSP4 are controlled via Mode Register0 and LSP5 through LSP7 are
controlled via Mode Register1. The silicon version of the 'STA111 is synthesized with three LSPs, LSP0
through LSP2.
•
Number of Address Pins: The 'STA111 has a selectable number of address bits (S0 - Sn, where n can
range from 5 to 7). Addresses 3A through 3F hex are reserved for address interrogation, broadcast and multi-
cast addressing. The silicon version of the 'STA111 is synthesized with seven address pins.
•
Pass-Through Pins: Each of the LSPs (0-n) may selectively have or not have Pass-through pins. Pass-
through pins are described in more detail below. The silicon version of the 'STA111 is synthesized with Pass-
through pins on LSP0 and LSP1.
•
Number/Type of GPIO bits: The 'STA111 has both dedicated and shared GPIO (General Purpose I/O).
Each dedicated group of GPIO bits supports from 0 to 4 dedicated inputs and 0 to 4 dedicated outputs. There
are provisions for specifying the default (power-up) value. TMS(0-n), TDO(0-n) and TDI(0-n) are also dual purpose
pins functioning as LSP or GPIO. TMSn and TDOn are outputs, TDIn is an input in the GPIO mode. The
silicon version of the 'STA111 is synthesized with shared GPIO on all three available LSPs. The silicon
version of the 'STA111 does not support dedicated GPIO.
Throughout this datasheet, notations exist to clarify the differences between features available on the Silicon
version and the HDL version.
KNOWN POWER-UP STATE
The 'STA111 has a known power-up condition. This is the same state that the device is in after a TRST reset.
This happens at power-up without the presence of a TCKB.
Reset can also occur via a 5 TMS high reset or a SOFTRESET command.
POWER-OFF HIGH IMPEDANCE INPUTS AND OUTPUTS
The 'STA111 backplane test port features power-off high impedance inputs and outputs.
The TDIB, TMSB, and TRSTB inputs have a 25KΩ pull-up resistor and no ESD clamp diode (ESD is controlled
with an alternate method). When the device is power-off (VDD floating), these inputs appear to be a capacitive
load to ground. When VDD = 0V (i.e.; not floating but tied to VSS) these inputs appear to be capacitive with the
pull-up to ground.
The TCKB input has no pull-up resistor and no ESD clamp diode (ESD is controlled with an alternate method).
When the device is power-off (VDD floating), the input appears to be a capacitive load to ground. When VDD = 0V
(i.e.; not floating but tied to VSS) the input appears to be a capacitive load to ground.
When the device is power-off (VDD = 0V or floating), the TDOB output appears to be a capacitive load.
TRST
TRSTB: Assertion of TRSTB will return the device back to its known power-up state.
TRSTn: TRSTn is an output on the LSP side of the 'STA111. While the LSP state-machine (level 2 protocol) is in
the Parked-TLR state the TRSTn pin will be driven low. In all other states the TRSTn pin will be driven
high.
PHYSICAL LAYER CHANGES
TRIST for TDOB and TDOn are signals for enabling an external buffer circuit between the 'STA111 and the
backplane/LSP. This would allow, for example, a CMOS-to-LVDS converter to drive an LVDS JTAG backplane
test bus. These signals are always driving. A separate TRIST is provided for each LSP to report a TRI-STATE on
TDO when the LSP is not in a shift state.
22
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com