Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA111MT/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 31Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
SCANSTA111
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Typ
Max
Units
tPZL19,
Enable Time OE to TDO(0-2)
8.5
12.0
ns
tPZH19
tPLZ19,
Disable Time OE to TDO(0-2)
7.5
12.0
ns
tPHZ19
tPHL20,
Propagation Delay OE to TRIST(0-2)
8.0
13.0
ns
tPLH20
tPZL21,
Enable Time OE to TCK(0-2)
7.5
11.0
ns
tPZH21
tPLZ21,
Disable Time OE to TCK(0-2)
6.5
10.0
ns
tPHZ21
AC ELECTRICAL CHARACTERISTICS
Over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Units
tS
Setup Time, TMSB to TCKB↑
2.0
ns
tH
Hold Time, TMSB to TCKB↑
1.0
ns
tS
Setup Time, TDIB to TCKB↑
2.0
ns
tH
Hold Time, TDIB to TCKB↑
1.0
ns
tS
Setup Time, TDI(0-2) to TCKB↑
1.5
ns
tH
Hold Time, TDI(0-2) to TCKB↑
1.5
ns
tW
Clock Pulse Width, TCKB (H or L)
10.0
ns
tWL
Reset Pulse Width, TRSTB (L)
2.5
ns
tREC
Recovery Time, TCKB↑ from TRSTB
2.0
ns
FMAX
Maximum Clock Frequency
25.0
MHz
28
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com