Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA111MT/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 21Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
SCANSTA111
www.ti.com
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
4. The TAPs are sequenced to Shift-IR and the LSB of the interrogation address is presented on the TDIB's.
Concurrently, the LSBs of the ones-complement slot addresses are presented on the respective TDOB's.
5. The weak 1 being driven on U1 and U2 is overdriven by the 0 from U3. U1 and U2 enter the Wait-For-Next-
Interrogation state.
6. The shift operation continues and U3 finishes shifting its ones-complement address (111110) out on TDOB.
U3 enters the Wait-For-Reset state when the TAP enters Update-IR.
7. The TAPs are again sequenced to Capture-IR and U1 and U2 shift registers latch the ones-complement
addresses (U1=101011, U2=011111).
8. The TAPs are sequenced to Shift-IR and the LSB of the interrogation address is presented on the TDIB's.
Concurrently, the LSBs of the ones-complement addresses are presented on the respective TDOB's.
9. Since both U1 and U2 are driving a weak 1 the shift continues.
10. Again U1 and U2 drive weak 1 and the shift continues.
11. U2s weak 1 is overdriven by U1s 0 and U2 enters the Wait-For-Next-Interrogation state.
12. The shift operation continues and U1 finishes shifting its ones-complement address (101011) out on TDOB.
U1 enters theWait-For-Reset state.
13. The instruction shift operation is repeated and U2 shifts its ones-complement address (011111) out on
TDOB. U2 enters the Wait-For-Reset state.
14. The instruction shift operation is repeated, however, all devices have been interrogated and are waiting for a
reset. The master device will receive all ones. This implies that there can not be an STA111 with address 0!
Figure 13. Address Interrogation State Machine
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com