Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA111MT/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 31Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 32Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 33Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 34Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 35Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SCANSTA111MT
NRND
TSSOP
DGG
48
38
TBD
Call TI
Call TI
-40 to 85
SCANSTA111MT
SCANSTA111MT/NOPB
ACTIVE
TSSOP
DGG
48
38
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 85
SCANSTA111MT
SCANSTA111MTX/NOPB
ACTIVE
TSSOP
DGG
48
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 85
SCANSTA111MT
SCANSTA111SM
NRND
NFBGA
NZA
49
416
TBD
Call TI
Call TI
-40 to 85
SCANSTA111
SM
SCANSTA111SM/NOPB
ACTIVE
NFBGA
NZA
49
416
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-260C-72 HR
-40 to 85
SCANSTA111
SM
SCANSTA111SMX
NRND
NFBGA
NZA
49
2000
TBD
Call TI
Call TI
-40 to 85
SCANSTA111
SM
SCANSTA111SMX/NOPB
ACTIVE
NFBGA
NZA
49
2000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-260C-72 HR
-40 to 85
SCANSTA111
SM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com