Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA111MT/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111MT/NOPB
Description  SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA111MT/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button SCANSTA111MT/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA111MT/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
SCANSTA111
www.ti.com
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
DC ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
VOL
Maximum Low Output Voltage
IOUT = +100 μA
0.2
V
(TRISTB, TRIST(0-2), YB)
VOL
Maximum Low Output Voltage
IOUT = +12 mA
0.4
V
(TRISTB, TRIST(0-2), LSP_ACTIVE(0-2))
All Outputs Loaded
IIN
Maximum Input Leakage Current
VIN = VCC or GND
±5.0
μA
(TCKB, S(0-6))
ICCT
Maximum ICC/Input
VIN = VCC − 0.6V
250
µA
ICC
Maximum Quiescent Supply Current
TDIB, TMSB, TRSTB, TDI(0-2) =
1.65
mA
VCC or GND
ICCD
Maximum Dynamic Supply Current
130
mA
IOFF
Power Off Leakage Current
VCC = GND, VIN = 3.6V
±5.0
µA
TDOB, TCK(0-2), TMS(0-2), TDO(0-2), TRST(0-2)
IILR
TDI(0-2), TDIB, OE, TRSTB, A(0-1), AB, TMSB
VIN = GND
-45
-180
µA
IIH
TDI(0-2), TDIB, OE, TRSTB, A(0-1), AB, TMSB
VIN = VCC
+5.0
µA
IOZ
Maximum TRI-STATE Leakage Current
VIN (OE) = VIH, VIN (TRSTB) =
±5.0
μA
VIL, VO = VCC, GND
AC ELECTRICAL CHARACTERISTICS
Over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL1, tPLH1
Propagation Delay TCKB to TCK(0-2)
8.0
12.0
ns
tPHL2, tPLH2
Propagation Delay TCKB to TDO(0-2)
11.5
16.0
ns
tPLH3
Propagation Delay TRSTB to TMS(0-2)
13.5
19.0
ns
tPHL4
Propagation Delay TRSTB to TRST(0-2)
13.0
19.0
ns
tPHL5, tPLH5
Propagation Delay TCKB to TDOB
10.5
15.0
ns
tPHL6, tPLH6
Propagation Delay AB to Y(0-1)
5.0
9.0
ns
tPHL7, tPLH7
Propagation Delay A(0-1) to YB
6.5
10.0
ns
tPHL8, tPLH8
Propagation Delay TCKB to LSP_ACTIVE(0-2)
13.0
19.0
ns
tPZL9, tPZH9
Enable Time TCKB to TDO(0-2)
12.0
17.0
ns
tPLZ10,
Disable Time TCKB to TDO(0-2)
11.5
16.0
ns
tPHZ10
tPHL11,
Propagation Delay TCKB to TRIST(0-2)
11.5
17.0
ns
tPLH11
tPZL12,
Enable Time TCKB to TDOB
12.5
17.0
ns
tPZH12
tPLZ13,
Disable Time TCKB to TDOB
12.5
17.0
ns
tPHZ13
tPHL14,
Propagation Delay TCKB to TRISTB
12.5
18.0
ns
tPLH14
tPHL15,
Propagation Delay TMSB to TMS(0-2)
7.0
11.0
ns
tPLH15
tPHL16,
Propagation Delay TDIB to TDO(0-2)
7.0
11.0
ns
tPLH16
tPZL17,
Enable Time OE to TMS(0-2)
7.5
11.0
ns
tPZH17
tPLZ17,
Disable Time OE to TMS(0-2)
5.0
10.0
ns
tPHZ17
tPZL18,
Enable Time OE to TRST(0-2)
8.0
11.0
ns
tPZH18
tPLZ18,
Disable Time OE to TRST(0-2)
6.5
10.0
ns
tPHZ18
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com