Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 31 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 27Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 28Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 29Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 30Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 31Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 32Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 33Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 34Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
31
14
POS1R
Return the pointers close to zero position using POS1R
Table 6
Move pointer position at least 24 microsteps CW to the nearest full step position prior to
RTZ.
Check SO to see if Gauge 0 has moved.
- Is bit ST4 logic level 1? If so, Gauge 0 has moved to the first microstep.
Table 12
15
PECR
Send null command to see if gauges have moved.
-BitsPE12
Table 3
Check SO to see if Gauge 0 (Gauge 1) has moved.
- Is bit ST4 (ST5) logic level 1? If so, Gauge 0 (Gauge 1) has moved another microstep.
Keep track of movement. If 24 steps are finished and both gauges are at a static
position, then RTZ. Otherwise repeat steps a) and b).
Table 12
16
RTZ
a. Return one gauge at a time to the zero stop using RTZ. Command bit RZ0 selects
the gauge bit RZ1 used to enable or disable an RTZ.
- Bits RZ3:RZ2 are used to select the RTZ accumulator bits clocking out on the SO pin.
Tables 7-8
b. Select the RTZ accumulator bits clocking out on the SO bits ST15:ST8. These will
be used if characterizing the RTZ.
- Bits RZ3:RZ2 are used to select the bits.
17
PECR
a. Check the status of the RTZ by sending the null command to monitor SO bit ST2
- Bit PE12 is the null command.
Table 3
Is ST2 logic level 0? If not, Gauge 0 is still returning. Null command should be resent.
Table 12
18
RTZ
Return the other Gauge to the zero stop. If the second gauge is driving a different pointer
than the first, a new RTZCR command may be required to change the Full Step time.
Tables 7-8
19
PECR
a. Check the Status of the RTZ by sending the null command to monitor SO bit ST3
- Bit PE12 is the null command.
Table 3
Is ST3 logic level 0? If not, Gauge 1 is still returning. Null command should be resent.
Table 12
20
Disable both gauges and go to standby bit PE0:PE1 are used to disable the gauges
Table 3
Put the device to sleep.
-RST pin is pulled to logic 0.
Table 15. GDIC SETUP, CONFIGURATION, & USAGE EXAMPLE (continued)
Step
Number
Command
Description
Table/Figure
Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com