Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 12 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 8Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 9Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 10Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 11Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 12Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 13Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 14Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 15Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
12
PC33991 SPI INTERFACE AND PROTOCOL DESCRIPTION
INTRODUCTION
The SPI interface has full duplex, three wire synchronous,
16-bit serial synchronous interface data transfer and four I/O
lines associated with it: (SI, SO, SCLK, and CS). The SI/SO
pins of the 33991 follows a first in/first out (D15/D0) protocol
with both input and output words transferring the most
significant bit first. All inputs are compatible with 5.0 V CMOS
logic levels.
DETAILED SIGNAL DESCRIPTIONS
Chip Select (CS)
The Chip Select (CS) pin enables communication with the
Master device. When this pin is in a logic [0] state, the GDIC is
capable of transferring information to, and receiving information
from, the Master. The 33991latches data in from the input shift
registers to the addressed registers on the rising edge of CS.
The output driver on the SO pin is enabled when CS is logic [0].
When CS is logic high, signals at the SCLK and SI pins are
ignored; the SO pin is tri-stated (high impedance). CS will only
be transitioned from a logic [1] state to a logic [0] state when
SCLK is a logic [0]. CS has an internal pull-up (lup) connected
to the pin as specified in the Control I/O table.
Serial Clock (SCLK)
SCLK clocks the internal shift registers of the 33991device.
The serial input (SI) pin accepts data into the Input Shift register
on the falling edge of the SCLK signal while the serial output pin
(SO) shifts data information out of the SO Line Driver on the
rising edge of the SCLK signal. It is important the SCLK pin be
in a logic [0] state whenever the CS makes any transition. SCLK
has an internal pull down (Idwn), specified in the Control I/O
table. When CS is logic [1], signals at the SCLK and SI pins are
ignored; SO is tri-stated (high impedance). See the Data
Transfer Timing diagrams in s 2 and 3.
Serial Input (SI)
This pin is the input of the Serial Peripheral Interface (SPI).
Serial Input (SI) information is read on the falling edge of SCLK.
A 16-bit stream of serial data is required on the SI pin, starting
with the most significant bit (MSB). Messages not multiples of
16 bits (e.g. daisy chained device messages) are ignored. After
transmitting a 16-bit word, the CS pin has to be deasserted
(logic [1]) before transmitting a new word. SI information is
ignoredwhenCS is in a logic high state.
Serial Output (SO)
The Serial Output (SO) data pin is a tri-stateable output from
the shift register. The status register bits are the first 16-bits
shifted out. Those bits are followed by the message bits clocked
in FIFO, when the device is in a daisy chain connection, or
being sent words multiples of 16 bits. Data is shifted on the
rising edge of the SCLK signal. The SO pin remains in a high
impedance state until the CS pin is put into a logic low state.
SYSTEM APPLICATION INFORMATION
This section provides a description of the 33991device SPI
behavior. To follow the explanations below, please refer to the
timing diagrams illustrated in Figures 4 and 5.
Table 1. Data Transfer Timing
Pin
Description
CS (1-to-0)
SO pin is enabled
CS (0-to-1)
33991configuration and desired output states are transferred and executed according to the data in the
shift registers
SO
Will change state on the rising edge of the SCLK pin signal
SI
Will accept data on the falling edge of the SCLK pin signal
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com