Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 26 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 22Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 23Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 24Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 25Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 26Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 27Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 28Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 29Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
26
calibration procedure was not successful. A clock calibration is
allowed only if the gauges are disabled or the pointers are not
moving, indicated by status bits ST4 and ST5.
Figure 7. Gauge Enable and Clock Calibration Example
Some applications may require a guaranteed maximum
pointer velocity and acceleration. Guaranteeing these
maximums requires the nominal internal clock frequency fall
below 1 MHz. The frequency range of the calibrated clock is
always below 1 MHz if PECR bit D4 is logic [0] when initiating a
calibration command, followed by an 8 µs reference pulse. The
frequency is centered at 1 MHz if bit D4 is logic [1].
The 33991 can be deceived into calibrating faster or slower
than the optimal frequency by sending a calibration pulse longer
or shorter than the intended 8 µs. As long as the count remains
between four and 15 there is no clock calibration flag. For
applications requiring a slower calibrated clock, i.e., a motor
designed with a gear ratio of 120:1 (8 microsteps/degrees), a
longer calibration pulse is required. The device allows a SPI
selectable slowing of the internal oscillator, using the PECR
command so the calibration divisor safely falls within the four to
15 range when calibrating with a longer time reference. For
example, for the 120:1 motor the pulse would be 12 µs instead
of 8 µs. The result of this slower calibration results in the longer
step times necessary to generate pointer movements
meetingthe acceleration and velocity requirements. The
resolution of the pointer positioning decreases from 0.083
°/
microstep (180:1) to 0.125
°/microstep (120:1). The pointer
sweep range increases from approximately 340
° to over 500°.
Note:
Be aware a fast calibration could result in violations of the
motor acceleration and velocity maximums, resulting in missed
steps.
Pointer Deceleration Waveshaping
Constant acceleration and deceleration of the pointer results
in choppy movements when compared to air core movements.
Air core behavior can be simulated with appropriate wave
shaping during deceleration only. This shaping is achieved by
adding repetitive steps at several of the last step values. An
example is illustrated in Figure 8.
Figure 8. Deceleration Waveshaping
SI
SCLK
CSB
PECR Command
8us Calibration Pulse
D15
D0
Figure 5-2 Gauge Enable & Clock Calibration Example
SI
SCLK
CS
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
De
HOLDCNT=
6
4
3
3
3
2
2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
n =
VELOCITY
ce
lera
te
STEPS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com