Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 14 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 10Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 11Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 12Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 13Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 14Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 15Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 16Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 17Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
14
Module Memory Map
Various registers of the 33991 SPI module are addressed by
the three MSB of the 16-bit word received serially. Functions to
be controlled include:
• Individual gauge drive enabling
• Power-up/down
• Internal clock calibration
• Gauge pointer position and velocity
• Gauge pointer zeroing
Status reporting includes:
• Individual gauge over temperature condition
• Battery out of range condition
• Pointer zeroing status
• Internal clock status
• Confirmation of coil output changes should result in
pointer movement
Table 2 provides the register available to control the above
functions.
Register Descriptions
Power, Enable, and Calibration Register (PECR)
This register allows the master to independently enable or
disable the output drivers of the two gauge controllers.
SI Address 000—Power, Enable, and Calibration Register is
illustrated in Table 3. A write to the 33991using this register
allows the master to independently enable or disable the output
drivers of the two gauge controllers as well as to calibrate the
internal clock, or send a null command for the purpose of
reading the status bits. This register is also used to place the
33991device into a low current consumption mode.
Each of the gauge drivers can be enabled by writing a logic
[1] to their assigned address bits, D0 and D1 respectively. This
feature could be useful to disable a driver if it is failing or not
being used. The device can be placed into a standby current
mode by writingalogic [0] tobothD0and D1.Duringthisstate,
most current consuming circuits are biased off. When in the
Standby mode, the internal clock will remain on.
The internal state machine utilizes a ROM table of step times
defining the duration the motor will spend at each microstep as
it accelerates or decelerates to a commanded position. The
accuracy of the acceleration and velocity of the motor is directly
related to the accuracy of the internal clock. Although the
accuracy of the internal clock is temperature independent, the
non-calibrated tolerance is +70 percent to -35 percent. The
33991 device was designed with a feature allowing the internal
clock to be software calibrated to a tighter tolerance of ± 10
percent, using the CS pin and a reference time pulse provided
by the microcontroller.
Calibration of the internal clock is initiated by writing a logic
[1] to D3. The calibration pulse, must be 8 µs for an internal
clock speed of 1 MHz, will be sent on the CS pin immediately
after the SPI word is sent. No other SPI lines will be toggled. A
clock calibration is allowed only if the gauges are disabled or
the pointers are not moving, indicated by status bits ST4 and
ST5.
Some applications may require a guaranteed maximum
pointer velocity and acceleration. Guaranteeing these
maximums require the nominal internal clock frequency fall
below 1 MHz. The frequency range of the calibrated clock is
always below 1 MHz if bit D4 is logic [0] when initiating a
calibration command followed by an 8 µs reference pulse. The
frequency is centered at 1MHz if bit D4 is logic [1].
Some applications may require a slower calibrated clock due
to a lower motor gear reduction ratio. Writing a logic [1] to bit D2
will slow the internal oscillator by one-third, leading to a
situation where it is possible to calibrate at maximum 667 kHz
or centered at 667 kHz. In these cases, it may be necessary to
provide a longer calibration pulse of exactly 12 µs without any
indication of a calibration fault at status bit ST7. The preceding
description should be the case for 1 MHz if D2 is left logic [0].
If bit D12 is logic [1] during a PECR command, the state of
D11: D0 is ignored. This is referred to as the null command and
can be used to read device status without affecting device
operation.
Table 2. Module Memory Map
Address [15:13]
Use
Name
000
Power, Enable, and Calibration Register
PECR
001
Maximum Velocity Register
VELR
010
Gauge 0 Position Register
POS0R
011
Gauge 1 Position Register
POS1R
100
Return to Zero Register
RTZR
101
Return to Zero Configuration Register
RTZCR
110
Not Used
111
Reserved for Test
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com