Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 18 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 14Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 15Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 16Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 17Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 18Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 19Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 20Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 21Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
18
Table 10. RTZCR Full Step Time
RC3
RC2
RC1
RC0
Full Step Time (ms)
0
0
0
0
4.86
0
0
0
1
4.86
0
0
1
0
8.96
0
0
1
1
13.06
0
1
0
0
17.15
0
1
0
1
21.25
0
1
1
0
25.34
0
1
1
1
29.44
1
0
0
0
33.54
1
0
0
1
37.63
1
0
1
0
41.73
1
0
1
1
45.82
1
1
0
0
49.92
1
1
0
1
54.02
1
1
1
0
58.11
1
1
1
1
62.21
Table 11. RTZCR Accumulator Offset
RC 12
RC 11
RC 10
RC 9
RC 8
RC 7
RC 6
RC 5
Preload Value
(PV)
Initial Accumulator Value = (-
16
×PV)-1
0
0
0
0
0
0
0
0
0
-1
0
0
0
0
0
0
0
1
1
-17
0
0
0
0
0
0
1
0
2
-33
0
0
0
0
0
0
1
1
3
-49
0
0
0
0
0
1
0
0
4
-65
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
1
1
1
1
1
1
1
1
255
-4081
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com