Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 20 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 16Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 17Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 18Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 19Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 20Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 21Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 22Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 23Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
20
ST0–Gauge 0—Junction over temperature. A logic [1] on this
bit indicates coil drive circuitry dedicated to drive Gauge 0 has
exceeded the maximum allowable junction temperature since
the last SPI communication. Additionally, the same indication
signals the circuitry Gauge 0 is disabled. It is recommended the
pointer be re-calibrated using the RTZ command after re-
enabling the gauge, using the PECR command. This bit
remains logic [1] until the gauge is re-enabled.
• 0 = Temperature within range
• 1 = Gauge 0 maximum allowable junction temperature
condition has been reached
DEVICE FUNCTIONAL DESCRIPTION
State Machine Operation
The two-phase stepper motor is defined as maximum
velocity and acceleration, and deceleration. It is the purpose of
the stepper motor state machine to drive the motor with
maximum performance while remaining within the motor’s
velocity and acceleration constraints.
When commanded, the motor should accelerate constantly
to its maximum velocity then decelerate and stop at the desired
position. During the deceleration phase, the motor should not
exceed the maximum deceleration. A required function of the
state
machine is to ensure the deceleration phase begins at the
correct time, or position.
During normal operation, both stepper motor rotors are
microstepped with 24 steps per electrical revolution. See Figure
6. A complete electrical revolution results in 2 degrees of
pointer movement. There is a second, and smaller state,
machineintheIC controllingthesemicrosteps. This state
machine receives clockwise or counter-clockwise index
commands at intervals, stepping the motor in the appropriate
direction by adjusting the current in each coil. Normalized
values can be seen in Table 13.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com