Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991DH/R2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 4Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 5Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 6Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 7Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 8Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 9Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 10Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 11Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
8
Characteristic
Symbol
Min
Typ
Max
Unit
Power Output and Clock Timings
SIN, COS Output Turn ON delay Time (time from rising CS enabling
outputs to steady state coil voltages and currents) (Note7)
TDHY(ON)
—
—
1
ms
SIN, COS Output Turn OFF delay Time (time from rising CS disables
outputs to steady state coil voltages and currents) (Note7)
TDHY(OFF)
—
—
1
ms
Uncalibrated Oscillator Cycle Time
TCLU
0.65
1.0
1.7
µs
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 0)
TCLO
1.0
1.1
1.2
µs
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 1)
TCLO
0.9
1.0
1.1
µs
Maximum Pointer Speed (Note8)
VMAX
—
—
400
deg/s
Maximum Pointer Acceleration (Note8)
AMAX
—
—
4500
deg/s2
Notes:
7.
Maximum specified time for the 33991 is the minimum guaranteed time needed from the micro.
8.
The minimum and maximum value will vary proportionally to the internal clock tolerance. These are not 100 percent tested.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com