| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 118 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 118 Page - Texas Instruments |
|
118 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-33. SPI 3 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. VOUT[0]_AVID/ VOUT[0], TIMER VOUT[0]_FLD/ 7, GP2 IPD SPI[3]_SCLK/ AA10 I/O PINCNTL179 DVDD TIM7_IO/ DSIS: 1 GP2[21] MM: MUX2 VOUT[0], VOUT[1]_R_CR[5]/ EMAC[1], EMAC[1]_MTXD[4]/ IPD VIN[1]A, GP3 VIN[1]A_D[16]/ AC26 I/O DVDD PINCNTL223 SPI Clock I/O SPI[3]_SCLK/ DSIS: 1 GP3[15] MM: MUX1 VIN[0]A, VIN[0]A_D[21]/ CAMERA_I/F, CAM_D[13]/ IPD EMAC[1], GP0 EMAC[1]_RMTXD[0]/ AE18 I/O DVDD_C PINCNTL161 SPI[3]_SCLK/ DSIS: 1 GP0[15] MM: MUX0 EMAC[0]_MTCLK/ EMAC[0], EMAC[0]_RGRXC/ VIN[1]B, I2C[2], VIN[1]B_D[0]/ IPD L24 I/O GP3 SPI[3]_SCS[3]/ DVDD PINCNTL235 I2C[2]_SDA/ DSIS: 1 GP3[23] EMAC[0]_MRCLK/ EMAC[0]_RGTXC/ EMAC[0], VIN[1]B_D[4]/ IPD VIN[1]B, GP3 H27 I/O EMAC[0]_RMCRSDV/ DVDD_GPMC PINCNTL239 SPI[3]_SCS[2]/ DSIS: 1 GP3[27] SPI Chip Select I/O VOUT[1]_R_CR[4]/ VOUT[1]. EMAC[1]_MTXD[3]/ EMAC[1], IPD VIN[1]A_D[15]/ AG27 I/O VIN[1]A, GP3 DVDD SPI[3]_SCS[1]/ PINCNTL222 GP3[14] DSIS: 1 VIN[0]A, VIN[0]A_D[20]/ CAMERA,_I/F, CAM_D[12]/ IPD EMAC[1]_RM, EMAC[1]_RMCRSDV/ AC17 I/O DVDD_C GP0 SPI[3]_SCS[0]/ PINCNTL160 GP0[14] DSIS: 1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 118 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |