| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com 3.2.17 SPI Table 3-30. SPI 0 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. IPU – SPI[0]_SCLK AC7 I/O SPI Clock I/O DVDD PINCNTL82 UART0_DCD/ UART3_RXD/ UART0, UART3, SPI[0]_SCS[3]/ IPU I2C[2], SD1, GP1 AH4 I/O I2C[2]_SCL/ DVDD PINCNTL74 SD1_POW/ DSIS: PIN GP1[2] UART0_DSR/ UART3_TXD/ UART0, UART3, SPI[0]_SCS[2]/ IPU I2C[2], SD1, GP1 AG4 I/O I2C[2]_SDA/ DVDD PINCNTL75 SPI Chip Select I/O SD1_SDWP/ DSIS: PIN GP1[3] SPI[0]_SCS[1]/ SD1, SATA, SD1_SDCD/ EDMA, TIMER4, SATA_ACT0_LED/ IPU AE5 I/O GP1 EDMA_EVT1/ DVDD PINCNTL80 TIM4_IO/ DSIS: PIN GP1[6] IPU – SPI[0]_SCS[0] AD6 I/O DVDD PINCNTL81 IPU – SPI[0]_D[1] AF3 I/O DVDD PINCNTL83 SPI Data I/O. Can be configured as either MISO or MOSI IPU – SPI[0]_D[0] AE3 I/O DVDD PINCNTL84 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 114 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |