| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 111 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 111 Page - Texas Instruments |
|
111 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 3.2.16 SD Signals (MMC/SD/SDIO) Table 3-27. SD0 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. GP0 SD0_CLK/ IPU Y6 O PINCNTL8 SD0 Clock output GP0[1] DVDD_SD DSIS: 1 SD0_CMD/ SD1, GP0 IPU SD1_CMD/ N1 I/O PINCNTL9 SD0 Command input/output DVDD_SD GP0[2] DSIS: 1 SD0_DAT[0]/ SD1, GP0 IPU SD0 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD mode SD1_DAT[4]/ R7 I/O PINCNTL10 DVDD_SD and single data bit for 1-bit SD mode. GP0[3] DSIS: PIN SD0_DAT[1]_SDIRQ/ SD1, GP0 IPU SD0 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD mode SD1_DAT[5]/ Y5 I/O PINCNTL11 DVDD_SD and as an IRQ input for 1-bit SD mode. GP0[4] DSIS: PIN SD0_DAT[2]_SDRW/ SD1, GP0 IPU SD0 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD mode SD1_DAT[6]/ Y3 I/O PINCNTL12 DVDD_SD and as a Read Wait input for 1-bit SD mode. GP0[5] DSIS: PIN SD0_DAT[3]/ SD1, GP0 IPU SD1_DAT[7]/ Y4 I/O PINCNTL13 SD0 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD mode. DVDD_SD GP0[6] DSIS: PIN MCA[1] MCA[1]_AXR[0]/ IPU V4 I/O PINCNTL35 SD0 Data4 I/O. Functions as data bit 4 for 8-bit SD mode. SD0_DAT[4]/ DVDD DSIS: PIN MCA[1], SC0 MCA[1]_AXR[1]/ IPU T6 I/O PINCNTL36 SD0 Data5 I/O. Functions as data bit 5 for 8-bit SD mode. SD0_DAT[5]/ DVDD DSIS: PIN MCA[2]_AXR[0]/ MCA[2], UART5, SD0_DAT[6]/ IPU GP0 N2 I/O SD0 Data6 I/O. Functions as data bit 6 for 8-bit SD mode. UART5_RXD/ DVDD PINCNTL41 GP0[12] DSIS: PIN MCA[2]_AXR[1]/ MCA[2], UART5, SD0_DAT[7]/ IPU GP0 V6 I/O SD0 Data7 I/O. Functions as data bit 7 for 8-bit SD mode. UART5_TXD/ DVDD PINCNTL42 GP0[13] DSIS: PIN UART0_CTS/ UART0, UART4, UART4_RXD/ IPD DCAN1, SPI[1] DCAN1_TX/ AE6 I SD0 Card Detect input DVDD PINCNTL72 SPI[1]_SCS[3]/ DSIS: 1 SD0_SDCD (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 111 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |