| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 112 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 112 Page - Texas Instruments |
|
112 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-28. SD1 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. – IPU SD1_CLK P3 O PINCNTL1 SD1 Clock output DVDD_SD DSIS: N/A SD0, GP0 SD0_CMD/ IPU PINCNTL9 SD1_CMD/ N1 I/O DVDD_SD DSIS: N/A GP0[2] MM: MUX1 SD1 Command input/output GP1 SD1_CMD/ IPU PINCNTL2 P2 I/O GP0[0] DVDD_SD DSIS: N/A MM: MUX0 IPU – SD1 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD mode SD1_DAT[0] P1 I/O DVDD_SD PINCNTL3 and single data bit for 1-bit SD mode. IPU – SD1 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD mode SD1_DAT[1]_SDIRQ P5 I/O DVDD_SD PINCNTL4 and as an IRQ input for 1-bit SD mode. IPU – SD1 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD mode SD1_DAT[2]_SDRW P4 I/O DVDD_SD PINCNTL5 and as a Read Wait input for 1-bit SD mode. IPU – SD1_DAT[3] P6 I/O SD1 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD mode. DVDD_SD PINCNTL6 SD0_DAT[0]/ SD0, GP0 IPU SD1_DAT[4]/ R7 I/O PINCNTL10 SD1 Data4 I/O. Functions as data bit 4 for 8-bit SD mode. DVDD_SD GP0[3] DSIS: PIN SD0_DAT[1]_SDIRQ/ SD0, GP0 IPU SD1_DAT[5]/ Y5 I/O PINCNTL11 SD1 Data5 I/O. Functions as data bit 5 for 8-bit SD mode. DVDD_SD GP0[4] DSIS: PIN SD0_DAT[2]_SDRW/ SD0, GP0 IPU SD1_DAT[6]/ Y3 I/O PINCNTL12 SD1 Data6 I/O. Functions as data bit 6 for 8-bit SD mode. DVDD_SD GP0[5] DSIS: PIN SD0_DAT[3]/ SD0, GP0 IPU SD1_DAT[7]/ Y4 I/O PINCNTL13 SD1 Data7 I/O. Functions as data bit 7 for 8-bit SD mode. DVDD_SD GP0[6] DSIS: PIN UART0_DCD/ UART3_RXD/ UART0, UART3, SPI[0]_SCS[3]/ IPU SPI[0], I2C[2], GP1 AH4 O SD1 Card Power Enable output I2C[2]_SCL/ DVDD PINCNTL74 SD1_POW/ DSIS: PIN GP1[2] SPI[0]_SCS[1]/ SD1_SDCD/ SPI[0], SATA, SATA_ACT0_LED/ IPU EDMA, TIM4, GP1 AE5 I SD1 Card Detect input EDMA_EVT1/ DVDD PINCNTL80 TIM4_IO/ DSIS: 1 GP1[6] UART0_DSR/ UART3_TXD/ UART0, UART3, SPI[0]_SCS[2]/ IPU SPI[0], I2C[2], GP1 AG4 I SD1 Card Write Protect input I2C[2]_SDA/ DVDD PINCNTL75 SD1_SDWP/ DSIS: 0 GP1[3] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 112 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |