| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 115 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 115 Page - Texas Instruments |
|
115 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-31. SPI 1 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. GP1 SPI[1]_SCLK/ IPU AC3 I/O PINCNTL86 SPI Clock I/O GP1[17] DVDD DSIS: PIN UART0_CTS/ UART0, UART4, UART4_RXD/ IPU DCAN1, SD0 DCAN1_TX/ AE6 I/O DVDD PINCNTL72 SPI[1]_SCS[3]/ DSIS: PIN SD0_SDCD UART0_RTS/ UART0, UART4, UART4_TXD/ IPU DCAN1, SD2 DCAN1_RX/ AF5 I/O DVDD PINCNTL73 SPI[1]_SCS[2]/ SPI Chip Select I/O DSIS: PIN SD2_SDCD DEVOSC_WAKE/ DEVOSC, SPI[1]_SCS[1]/ IPU TIMER5, GP1 W6 I/O TIM5_IO/ DVDD_SD PINCNTL7 GP1[7] DSIS: PIN GP1 SPI[1]_SCS[0]/ IPU AD3 I/O PINCNTL85 GP1[16] DVDD DSIS: PIN GP1 SPI[1]_D[1]/ IPU AA3 I/O PINCNTL87 GP1[18] DVDD DSIS: PIN SPI Data I/O. Can be configured as either MISO or MOSI GP1 SPI[1]_D[0]/ IPU AA6 I/O PINCNTL88 GP1[26] DVDD DSIS: PIN (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 115 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |