| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 141 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 141 Page - Texas Instruments |
|
141 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 3.2.23 Video Output (Digital) Table 3-45. Video Output 0 (Digital) Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. Video Output 0 IPD – VOUT[0]_CLK AD12 O Video Output Clock output. DVDD PINCNTL176 IPD – VOUT[0]_G_Y_YC[9] AF14 O DVDD PINCNTL195 IPD – VOUT[0]_G_Y_YC[8] AE14 O DVDD PINCNTL194 IPD – VOUT[0]_G_Y_YC[7] AD14 O DVDD PINCNTL193 IPD – Video Output Data. These signals represent the 8 MSBs VOUT[0]_G_Y_YC[6] AA8 O DVDD PINCNTL192 of G/Y/YC video data. For RGB mode they are green data bits, for YUV444 mode they are Y data bits, for Y/C IPD – VOUT[0]_G_Y_YC[5] AB12 O mode they are Y (Luma) data bits and for BT.656 mode DVDD PINCNTL191 they are multiplexed Y/Cb/Cr (Luma and Chroma) data IPD – bits. VOUT[0]_G_Y_YC[4] AB8 O DVDD PINCNTL190 GP2 VOUT[0]_G_Y_YC[3]/ IPD AH15 O PINCNTL189 GP2[25] DVDD DSIS: PIN VOUT[0]_G_Y_YC[2]/ EMU, GP2 IPD EMU3/ AH7 O PINCNTL188 DVDD GP2[24] DSIS: PIN IPD – VOUT[0]_B_CB_C[9] AG15 O DVDD PINCNTL187 IPD – VOUT[0]_B_CB_C[8] AF15 O DVDD PINCNTL186 IPD – VOUT[0]_B_CB_C[7] AB10 O DVDD PINCNTL185 IPD – VOUT[0]_B_CB_C[6] AC10 O Video Output Data. These signals represent the 8 MSBs DVDD PINCNTL184 of B/CB/C video data. For RGB mode they are blue data IPD – bits, for YUV444 mode they are Cb (Chroma) data bits, VOUT[0]_B_CB_C[5] AD15 O DVDD PINCNTL183 for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. IPD – VOUT[0]_B_CB_C[4] AD11 O DVDD PINCNTL182 GP2 VOUT[0]_B_CB_C[3]/ IPD AE15 O PINCNTL181 GP2[23] DVDD DSIS: PIN VOUT[0]_B_CB_C[2]/ EMU2, GP2 IPD EMU2/ AG7 O PINCNTL180 DVDD GP2[22] DSIS: PIN (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 141 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |