| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 144 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 144 Page - Texas Instruments |
|
144 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-46. Video Output 1 Terminal Functions (continued) SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. VOUT[1]_B_CB_C[9]/ EMAC[1], EMAC[1]_MRXD[5]/ VIN[1]A, I2C[3], IPD VIN[1]A_D[6]/ AA24 O GP3 DVDD I2C[3]_SDA/ PINCNTL214 GP3[6] DSIS: N/A VOUT[1]_B_CB_C[8]/ EMAC[1], EMAC[1]_MRXD[4]/ VIN[1]A, I2C[3], IPD VIN[1]A_D[5]/ AH26 O GP3 DVDD Video Output Data. These signals represent the 8 MSBs I2C[3]_SCL/ PINCNTL213 of B/CB/C video data. For RGB mode they are blue data GP3[5] DSIS: N/A bits, for YUV444 mode they are Cb (Chroma) data bits, VOUT[1]_B_CB_C[7]/ EMAC[1], for Y/C mode they are multiplexed Cb/Cr (Luma) data EMAC[1]_MRXD[3]/ VIN[1]A, UART3, bits, and for BT.656 mode they are not used. IPD VIN[1]A_D[4]/ AC25 O GP3 DVDD UART3_TXD/ PINCNTL212 GP3[4] DSIS: N/A VOUT[1]_B_CB_C[6]/ EMAC[1], EMAC[1]_MRXD[2]/ VIN[1]A, UART3, IPD VIN[1]A_D[3]/ AD25 O GP3 DVDD UART3_RXD/ PINCNTL211 GP3[3] DSIS: N/A VOUT[1]_B_CB_C[5]/ EMAC[1], EMAC[1]_MRXD[1]/ VIN[1]A, UART4, IPD VIN[1]A_D[2]/ AF25 O GP3 DVDD UART4_TXD/ PINCNTL210 GP3[2] DSIS: N/A VOUT[1]_B_CB_C[4]/ EMAC[1], EMAC[1]_MRXD[0]/ VIN[1]A, UART4, IPD VIN[1]A_D[1]/ AG25 O GP3 DVDD UART4_RXD/ PINCNTL209 Video Output Data. These signals represent the 8 MSBs GP3[1] DSIS: N/A of B/CB/C video data. For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, VOUT[1]_B_CB_C[3]/ EMAC[1], for Y/C mode they are multiplexed Cb/Cr (Luma) data EMAC[1]_MRCLK/ VIN[1]A, UART4, IPD bits, and for BT.656 mode they are not used. VIN[1]A_D[0]/ AH25 O GP3 DVDD UART4_CTS/ PINCNTL208 GP3[0] DSIS: N/A VOUT[1]_B_CB_C[2]/ GPMC, VIN[1]A, GPMC_A[0]/ HDMI, SPI[2], VIN[1]A_D[7]/ IPU AF28 O GP3 HDMI_CEC/ DVDD PINCNTL231 SPI[2]_D[0]/ DSIS: N/A GP3[30] VOUT[1]_B_CB_C[1]/ CAMERA_I/F, CAM_HS/ GPMC, UART2, IPD Video Output Data. These signals represent the 2 LSBs GPMC_A[9]/ AE23 O GP0 DVDD_C of B/CB/C video data for 20-bit, and 30-bit video modes. UART2_RXD/ PINCNTL172 For RGB mode they are blue data bits, for YUV444 mode GP0[26] DSIS: N/A they are Cb (Chroma) data bits, for Y/C mode they are VOUT[1]_B_CB_C[0]/ CAMERA_I/F, multiplexed Cb/Cr (Chroma) data bits and for BT.656 CAM_VS/ GPMC, UART2, mode they are unused. These signals are not used in IPU GPMC_A[10]/ AD23 O GP0 16/24-bit modes. DVDD_C UART2_TXD/ PINCNTL173 GP0[27] DSIS: N/A 144 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |