| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 143 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 143 Page - Texas Instruments |
|
143 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-46. Video Output 1 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. Video Output 1 VOUT[1]_CLK/ EMAC[1], EMAC[1]_MTCLK/ IPD VIN[1]A, GP2 AE24 O Video Output Clock output VIN[1]A_HSYNC/ DVDD PINCNTL204 GP2[28] DSIS: N/A VOUT[1]_G_Y_YC[9]/ EMAC[1], EMAC[1]_MTXD[2]/ IPD VIN[1]A, GP3 AD26 O VIN[1]A_D[14]/ DVDD PINCNTL221 GP3[13] DSIS: N/A VOUT[1]_G_Y_YC[8]/ EMAC[1], EMAC[1]_MTXD[1]/ IPD VIN[1]A, GP3 Video Output Data. These signals represent the 8 MSBs AE26 O VIN[1]A_D[13]/ DVDD PINCNTL220 of G/Y/YC video data. For RGB mode they are green GP3[12] DSIS: N/A data bits, for YUV444 mode they are Y data bits, for Y/C mode they are Y (Luma) data bits and for BT.656 mode VOUT[1]_G_Y_YC[7]/ EMAC[1], they are multiplexed Y/Cb/Cr (Luma and Chroma) data EMAC[1]_MTXD[0]/ IPD VIN[1]A, GP3 AF26 O bits. VIN[1]A_D[12]/ DVDD PINCNTL219 GP3[11] DSIS: N/A VOUT[1]_G_Y_YC[6]/ EMAC[1], EMAC[1]_GMTCLK/ IPD VIN[1]A, GP3 AH27 O VIN[1]A_D[11]/ DVDD PINCNTL218 GP3[10] DSIS: N/A VOUT[1]_G_Y_YC[5]/ EMAC[1], EMAC[1]_MRXDV/ IPD VIN[1]A, GP3 AG26 O VIN[1]A_D[10]/ DVDD PINCNTL217 GP3[9] DSIS: N/A VOUT[1]_G_Y_YC[4]/ EMAC[1], EMAC[1]_MRXD[7]/ IPD VIN[1]A, GP3 W22 O VIN[1]A_D[9]/ DVDD PINCNTL216 Video Output Data. These signals represent the 8 MSBs GP3[8] DSIS: N/A of G/Y/YC video data. For RGB mode they are green VOUT[1]_G_Y_YC[3] EMAC[1], data bits, for YUV444 mode they are Y data bits, for Y/C EMAC[1]_MRXD[6]/ IPD VIN[1]A, GP3 mode they are Y (Luma) data bits and for BT.656 mode Y23 O VIN[1]A_D[8]/ DVDD PINCNTL215 they are multiplexed Y/Cb/Cr (Luma and Chroma) data GP3[7] DSIS: N/A bits. VOUT[1]_G_Y_YC[2]/ GPMC_A[13]/ GPMC, VIN[1]A, VIN[1]A_D[21]/ HDMI, SPI[2], IPU HDMI_SCL/ AF27 O I2C[2], GP3 DVDD SPI[2]_SCS[2]/ PINCNTL228 I2C[2]_SCL/ DSIS: N/A GP3[20] VOUT[1]_G_Y_YC[1]/ CAMERA_I/F, CAM_D[3]/ GPMC, UART4, IPU Video Output Data. These signals represent the 2 LSBs GPMC_A[5]/ AD18 O GP0 DVDD_C of G/Y/YC video data for 10-bit, 20-bit, and 30-bit video UART4_RXD/ PINCNTL168 modes (VOUT[1] only). For RGB mode they are green GP0[22] DSIS: N/A data bits, for YUV444 mode they are Y data bits, for Y/C VOUT[1]_G_Y_YC[0]/ CAMERA_I/F, mode they are Y (Luma) data bits and for BT-656 mode CAM_D[2]/ GPMC, UART4, they are multiplexed Y/Cb/Cr (Luma and Chroma) data IPD GPMC_A[6]/ AC18 O GP0 bits. These signals are not used in 8/16/24-bit modes. DVDD_C UART4_TXD/ PINCNTL169 GP0[23] DSIS: N/A (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 143 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |