Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 16Page - Microchip Technology MCP2221-I/ML Datasheet HTML 17Page - Microchip Technology MCP2221-I/ML Datasheet HTML 18Page - Microchip Technology MCP2221-I/ML Datasheet HTML 19Page - Microchip Technology MCP2221-I/ML Datasheet HTML 20Page - Microchip Technology MCP2221-I/ML Datasheet HTML 21Page - Microchip Technology MCP2221-I/ML Datasheet HTML 22Page - Microchip Technology MCP2221-I/ML Datasheet HTML 23Page - Microchip Technology MCP2221-I/ML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
MCP2221
DS20005292B-page 20
 2015 Microchip Technology Inc.
1.8
GPIO/ADC/DAC Module
This module communicates with the USB HID
sub-module through the Bus Matrix module. It allows
the manipulation of GPIOs, retrieving the ADC data
and setting the DAC value.
1.8.1
GPIO
When the GPs are configured for GPIO operation,
those configured GPs can be used as digital inputs or
outputs.
When working as outputs, the GPs output logic levels
(logic 0 or 1).
1.8.1.1
VRM
The ADC and DAC sub-modules each have a voltage
reference module (VRM). Each VRM can be configured
(at Power-Up and run time) to output one of the four
voltage choices available.
The VRM can provide the following voltages as a
reference:
•VDD – the VRM output is exactly the voltage
present at the VDD pin of the MCP2221. It can
take any value from 3.3 to 5V.
• 1.024V – the VRM output of 1.024V is obtained
from an internal voltage reference
• 2.048V – the VRM output of 2.048V is obtained
from an internal voltage reference
• 4.096V – the VRM output of 4.096V is obtained
from an internal voltage reference. If the VDD is
lower than 4.096V, the VRM output will have the
value of VDD.
1.8.2
ADC CONVERTER
The ADC converter is producing 10-bit values and it
uses its own VRM module.
It features three external channels (connected to
GP1/2/3 if configured for ADC operation).
The sampling rate of the ADC is around 1000 sps.
FIGURE 1-6:
ADC SUB-MODULE
DETAILS
1.8.3
DAC CONVERTER
The DAC is 5-bit wide, has a single analog output and
it uses its own VRM module.
The DAC output voltage can be routed to GP2/3 (if
GP2/3 are configured for DAC operation).
If the GP2 and GP3 are configured for DAC operation,
they will present the same analog voltage value
because they are connected to the same DAC output.
FIGURE 1-7:
DAC SUB-MODULE
DETAILS
10-bit ADC
3 Ext. Channels
VRM
OFF
1.024V
2.048V
4.096V
10-Bit
VDD
CHIPSETTING3<2>
CHIPSETTING3<4:3>
Analog Mux
Value
5-Bit DAC
5-Bit Value
VRM
OFF
1.024V
2.048V
4.096V
Analog
VDD
CHIPSETTING2<5>
CHIPSETTING2<7:6>
Analog Mux
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com