Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 47Page - Microchip Technology MCP2221-I/ML Datasheet HTML 48Page - Microchip Technology MCP2221-I/ML Datasheet HTML 49Page - Microchip Technology MCP2221-I/ML Datasheet HTML 50Page - Microchip Technology MCP2221-I/ML Datasheet HTML 51Page - Microchip Technology MCP2221-I/ML Datasheet HTML 52Page - Microchip Technology MCP2221-I/ML Datasheet HTML 53Page - Microchip Technology MCP2221-I/ML Datasheet HTML 54Page - Microchip Technology MCP2221-I/ML Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 51
MCP2221
9
GP1 settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When GP1 is set as an output GPIO, this value will be present at the
GP1 pin
Bit 3: GPIO Direction
(Input/Output) – Works
only when GP1 is set for
GPIO operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP0 Designation
111-101 Don’t care
100
Alternate function 2 (Interrupt Detection)
011
Alternate function 1 (LED UART TX)
010
Alternate function 0 (ADC1)
001
Dedicated function operation (Clock Output)
000
GPIO operation
10
GP2 settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When GP2 is set as an output GPIO, this value will be present at the
GP2 pin
Bit 3: GPIO Direction
(Input/Output) – Works
only when GP2 is set for
GPIO operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP2 Designation
111-100 Don’t care
011
Alternate function 1 (DAC1)
010
Alternate function 0 (ADC2)
001
Dedicated function operation (USBCFG)
000
GPIO operation
11
GP3 settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When GP3 is set as an output GPIO, this value will be present at the
GP3 pin
Bit 3: GPIO Direction
(Input/Output) – Works
only when GP3 is set for
GPIO operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP3 Designation
111-100 Don’t care
011
Alternate function 1 (DAC2)
010
Alternate function 0 (ADC3)
001
Dedicated function operation (LED I2C)
000
GPIO operation
12-63 Reserved
0x00
TABLE 3-36:
COMMAND STRUCTURE (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com