Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 28Page - Microchip Technology MCP2221-I/ML Datasheet HTML 29Page - Microchip Technology MCP2221-I/ML Datasheet HTML 30Page - Microchip Technology MCP2221-I/ML Datasheet HTML 31Page - Microchip Technology MCP2221-I/ML Datasheet HTML 32Page - Microchip Technology MCP2221-I/ML Datasheet HTML 33Page - Microchip Technology MCP2221-I/ML Datasheet HTML 34Page - Microchip Technology MCP2221-I/ML Datasheet HTML 35Page - Microchip Technology MCP2221-I/ML Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
MCP2221
DS20005292B-page 32
 2015 Microchip Technology Inc.
3.1.3
WRITE FLASH DATA
This command is used to write various important data
structures and strings into the Flash memory of the
device.
TABLE 3-11:
COMMAND STRUCTURE
Byte
Index
Function Description
Value
Effect
0
0xB1
Write Flash Data – command code
1
Write Flash Data Sub-code. The value in
this field will instruct the MCP2221 about
the particular Flash settings to be altered.
0x00
Write Chip Settings – it will write the MCP2221 flash
settings
0x01
Write GP Settings – it will write the MCP2221 flash GP
settings
0x02
Write USB Manufacturer Descriptor String – writes the
USB Manufacturer String Descriptor used during the
USB enumeration
0x03
Write USB Product Descriptor String – writes the USB
Product String Descriptor used during the USB
enumeration
0x04
Write USB Serial Number Descriptor String – writes the
USB Serial Number String Descriptor used during the
USB enumeration
Any
other
value
No meaning. The device will reply with a code for an
unsupported command at Byte Index 1 in the response
report.
2-63 Data to be written
Data format depends on the Write Flash Data Sub-code
(at Byte Index 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com