Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 29Page - Microchip Technology MCP2221-I/ML Datasheet HTML 30Page - Microchip Technology MCP2221-I/ML Datasheet HTML 31Page - Microchip Technology MCP2221-I/ML Datasheet HTML 32Page - Microchip Technology MCP2221-I/ML Datasheet HTML 33Page - Microchip Technology MCP2221-I/ML Datasheet HTML 34Page - Microchip Technology MCP2221-I/ML Datasheet HTML 35Page - Microchip Technology MCP2221-I/ML Datasheet HTML 36Page - Microchip Technology MCP2221-I/ML Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 33
MCP2221
TABLE 3-12:
SUB-COMMAND STRUCTURE – WRITE CHIP SETTINGS SUB-COMMAND
Byte
Index
Function Description
Value
Effect
0
0xB1
Write Flash Data – command code
1
0x00
Write Chip Settings – it will write the MCP2221 flash device
settings
2
Bit 7: CDC Serial Number
Enumeration Enable.
1
The USB serial number will be used during the USB enumeration
of the CDC interface.
0
No serial number descriptor will be presented during the USB
enumeration.
Bit 6: Initial value for
LEDUARTRX pin option
This value represents the logic level signaled when no UART RX
activity takes places. When the UART RX (of the MCP2221) is
receiving data, the LEDUARTRX pin will take the negated value
of this bit.
Bit 5: Initial value for
LEDUARTTX pin option
This value represents the logic level signaled when no UART TX
transmission takes place. When the UART TX (of the MCP2221)
is sending data, the LEDUARTTX pin will take the negated value
of this bit.
Bit 4: Initial value for LEDI2C pin
option
This value represents the logic level signaled when no I2C traffic
occurs. When I2C traffic is active, the LEDI2C pin (if enabled) will
take the negated value of this bit.
Bit 3: Initial value for SSPND pin
option
This value represents the logic level signaled when the device is
not in Suspend mode. Upon entering Suspend mode, the
SSPND pin (if enabled) will take the negated value of this bit.
Bit 2: Initial value for USBCFG
pin option
This value represents the logic level signaled when the device is
not USB configured. When the device will be USB-configured,
the USBCFG pin (if enabled) will take the negated value of this
bit.
Bit 1-0: Chip Configuration
Security Option
11-10
Permanently locked
01
Password-protected
00
Unsecured
3Bit 7-5
Don’t
care
Bit 4-0: Clock Output divider
value
If the GP pin (exposing the clock output) is enabled for clock
output operation, the divider value will be used on the 48 MHz
USB internal clock and its divided output will be sent to this pin.
4
Bit 7-6: DAC Reference voltage
option
11
Reference voltage is 4.096V (only if VDD is above this voltage)
10
Reference voltage is 2.048V
01
Reference voltage is 1.024V
00
Reference voltage is off (this is useful for the case in which the
DAC uses other reference than VRM DAC, i.e., VDD)
Bit 5: DAC reference option
1
DAC reference is VDD
0
DAC reference is VRM DAC voltage
Bit 4-0: Power-Up DAC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com