Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 57Page - Microchip Technology MCP2221-I/ML Datasheet HTML 58Page - Microchip Technology MCP2221-I/ML Datasheet HTML 59Page - Microchip Technology MCP2221-I/ML Datasheet HTML 60Page - Microchip Technology MCP2221-I/ML Datasheet HTML 61Page - Microchip Technology MCP2221-I/ML Datasheet HTML 62Page - Microchip Technology MCP2221-I/ML Datasheet HTML 63Page - Microchip Technology MCP2221-I/ML Datasheet HTML 64Page - Microchip Technology MCP2221-I/ML Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 61
MCP2221
FIGURE 4-1:
POR AND POR REARM WITH SLOW RISING VDD
VDD
VPOR
VPORR
VSS
VSS
NPOR(1)
TPOR(3)
POR REARM
Note 1: When NPOR is low, the device is held in Reset.
2: TPOR 1 µs typical.
3: TVLOW 2.7 µs typical.
TVLOW(2)
TABLE 4-1:
USB MODULE SPECIFICATIONS
DC Characteristics
Operating Conditions (unless otherwise indicated):
3.0V
 VDD  5.5V at -40°C  TA  +85°C (I-Temp)
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
D313
USB Voltage
VUSB
3.0
—
3.6
V
Voltage on the VUSB pin must
be in this range for proper
USB operation
D314
Input Leakage on Pin
IIL
——
±1
μAVSS
 VPIN  VDD pin at
high impedance
D315
Input Low Voltage
for USB Buffer
VILUSB
——
0.8V
For VUSB range
D316
Input High Voltage
for USB Buffer
VIHUSB
2.0
—
—
V
For VUSB range
D318
Differential Input
Sensitivity
VDIFS
—
—
0.2
V
The difference between D+
and D- must exceed this value
while VCM is met
D319
Differential Common
Mode Range
VCM
0.8
—
2.5
V
D320
Driver Output
Impedance(1)
ZOUT
28
—
44
W
D321
Voltage Output Low
VOL
0.0
—
0.3
V
1.5 k
 load connected to 3.6V
D322
Voltage Output High
VOH
2.8
—
3.6
V
1.5 k
 load connected to
ground
Note 1:
The D+ and D- signal lines have been built-in impedance matching resistors. No external resistors,
capacitors or magnetic components are necessary on the D+/D- signal paths between the MCP2221
family device and the USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com