Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 60Page - Microchip Technology MCP2221-I/ML Datasheet HTML 61Page - Microchip Technology MCP2221-I/ML Datasheet HTML 62Page - Microchip Technology MCP2221-I/ML Datasheet HTML 63Page - Microchip Technology MCP2221-I/ML Datasheet HTML 64Page - Microchip Technology MCP2221-I/ML Datasheet HTML 65Page - Microchip Technology MCP2221-I/ML Datasheet HTML 66Page - Microchip Technology MCP2221-I/ML Datasheet HTML 67Page - Microchip Technology MCP2221-I/ML Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
MCP2221
DS20005292B-page 64
 2015 Microchip Technology Inc.
4.2.3
TIMING DIAGRAMS AND
SPECIFICATIONS
TABLE 4-4:
RESET, OSCILLATOR START-UP TIMER AND POWER-UP TIMER PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature: -40°C
 TA  +85°C
Param
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
30
TRST
RST Pulse Width (low)
2
—
—
μs
31
TPWRT Power-Up timer
40
65
140
ms
32
TOST
Oscillator Start-Up Time
—
1024
—
TOST
* These parameters are characterized but not tested.
† Data in the “Typ.” column is at 5V, +25°C, unless otherwise stated. These parameters are for design
guidance only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com