Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 32Page - Microchip Technology MCP2221-I/ML Datasheet HTML 33Page - Microchip Technology MCP2221-I/ML Datasheet HTML 34Page - Microchip Technology MCP2221-I/ML Datasheet HTML 35Page - Microchip Technology MCP2221-I/ML Datasheet HTML 36Page - Microchip Technology MCP2221-I/ML Datasheet HTML 37Page - Microchip Technology MCP2221-I/ML Datasheet HTML 38Page - Microchip Technology MCP2221-I/ML Datasheet HTML 39Page - Microchip Technology MCP2221-I/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
MCP2221
DS20005292B-page 36
 2015 Microchip Technology Inc.
5
GP3 Power-Up Settings
Bit 7-5:
Don’t care
Bit 4: GPIO Output value
When GP3 is set as an output GPIO, this value will be
present at the GP2 pin at Power-Up/Reset.
Bit 3: GPIO Direction
(Input/Output) – Works only when
GP3 is set for GPIO operation.
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP3 Designation
111-100
Don’t care
011
Alternate function 1 (DAC2)
010
Alternate function 0 (ADC3)
001
Dedicated function operation (LED I2C)
000
GPIO operation
6-63
Don’t care
TABLE 3-14:
SUB-COMMAND STRUCTURE – WRITE USB MANUFACTURER DESCRIPTOR
STRING SUB-COMMAND
Byte Index
Value
Effect
0
0xB1
Write Flash Data – command code
1
0x02
Write USB Manufacturer Descriptor String – writes the USB
Manufacturer String Descriptor used during the USB enumeration
2
(2)
Number of bytes + 2 in the provided USB Serial Number Descriptor
String
3
0x03
The value at this index must always be 0x03.
4 + 2 x Unicode_char_number + 0(1)
Lower byte of the 16-bit Unicode character.
4 + 2 x Unicode_char_number + 1(1)
Higher byte of the 16-bit Unicode character.
Note 1:
“Unicode_char_number” value starts from 0 to a maximum of 30 (included).
2:
The value at Byte Index 2 must be 2 + 2 x (number of Unicode characters in the string).
TABLE 3-15:
SUB-COMMAND STRUCTURE – WRITE USB PRODUCT DESCRIPTOR
STRING SUB-COMMAND
Byte Index
Value
Effect
0
0xB1
Write Flash Data – command code
1
0x03
Write USB Product Descriptor String – writes the USB Product
String Descriptor used during the USB enumeration
2
(2)
Number of bytes + 2 in the provided USB Serial Number Descriptor
String. The actual String starts at Byte Index 4.
3
0x03
The value at this index must always be 0x03.
4 + 2 x Unicode_char_number + 0(1)
Lower byte of the 16-bit Unicode character
4 + 2 x Unicode_char_number + 1(1)
Higher byte of the 16-bit Unicode character
Note 1:
“Unicode_char_number” value starts from 0 to a maximum of 30 (included).
2:
The value at Byte Index 2 must be 2 + 2 x (number of Unicode characters in the string).
TABLE 3-13:
SUB-COMMAND STRUCTURE – WRITE GP SETTINGS SUB-COMMAND (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com