Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/ML Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 55Page - Microchip Technology MCP2221-I/ML Datasheet HTML 56Page - Microchip Technology MCP2221-I/ML Datasheet HTML 57Page - Microchip Technology MCP2221-I/ML Datasheet HTML 58Page - Microchip Technology MCP2221-I/ML Datasheet HTML 59Page - Microchip Technology MCP2221-I/ML Datasheet HTML 60Page - Microchip Technology MCP2221-I/ML Datasheet HTML 61Page - Microchip Technology MCP2221-I/ML Datasheet HTML 62Page - Microchip Technology MCP2221-I/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 59
MCP2221
4.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings (†)(1)
Ambient temperature under bias............................................................................................................... -40°C to +85°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +6.0V
Voltage on RST with respect to VSS ......................................................................................................... -0.3V to +9.0V
Voltage on VUSB pin with respect to VSS .................................................................................................. -0.3V to +4.0V
Voltage on D+ and D- pins with respect to VSS ............................................................................ -0.3V to (VUSB + 0.3V)
Voltage on all other pins with respect to VSS ................................................................................. -0.3V to (VDD + 0.3V)
Total power dissipation(2) ..................................................................................................................................... 800 mW
Maximum current out of VSS pin ............................................................................................................................ 95 mA
Maximum current into VDD pin ............................................................................................................................... 95 mA
Clamp current, IK (VPIN <0 or VPIN >VDD)
 20 mA
Maximum output current sunk by any I/O pin .........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................25 mA
Maximum current sunk by all ports ......................................................................................................................... 90 mA
Maximum current sourced by all ports ................................................................................................................... 90 mA
Note 1: VUSB must always be
 VDD +0.3V.
2: Power dissipation is calculated as follows: PDIS =VDD x{IDD –
 IOH} +  {(VDD –
VOH)x IOH}+
(VOL xIOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com