Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 23Page - Microchip Technology MCP2021-500E/P Datasheet HTML 24Page - Microchip Technology MCP2021-500E/P Datasheet HTML 25Page - Microchip Technology MCP2021-500E/P Datasheet HTML 26Page - Microchip Technology MCP2021-500E/P Datasheet HTML 27Page - Microchip Technology MCP2021-500E/P Datasheet HTML 28Page - Microchip Technology MCP2021-500E/P Datasheet HTML 29Page - Microchip Technology MCP2021-500E/P Datasheet HTML 30Page - Microchip Technology MCP2021-500E/P Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
 2005-2014 Microchip Technology Inc.
DS20002018H-page 27
MCP2021/2/1P/2P
2.4
Thermal Specifications (Note 1)
Voltage Regulator
Bus Activity Debounce Time
tBDB
5
10
20
µs
Bus debounce time
Bus Activity to Voltage
Regulator Enabled
tBACTVE
100
250
500
µs
After bus debounce time
Voltage Regulator Enabled
to Ready
tVEVR
—
—
1200
µs
(Note 1)
Chip Select to Operation
Ready
tCSR
—
—
500
µs
Chip Select to Power-Down
tCSPD
——
80
µs
(Note 2)
Short-Circuit to Shut-Down
tSHUTDOWN
20
—
100
µs
RESET Timing
VREG OK Detect to RESET
Inactive
tRPU
——
10.0
µs
VREG OK Detect to RESET
Active
tRPD
——
10.0
µs
THERMAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Units
Test Conditions
Recovery Temperature
RECOVERY
+140
—
C
Shutdown Temperature
SHUTDOWN
+150
—
C
Short Circuit Recovery Time
tTHERM
1.5
5.0
ms
Thermal Package Resistances
Thermal Resistance, 4x4 8L-DFN
JA
48
—
C/W
Thermal Resistance, 8L-PDIP
JA
89.3
—
C/W
Thermal Resistance, 8L-SOIC
JA
149.5
—
C/W
Thermal Resistance, 14L-PDIP
JA
70
—
C/W
Thermal Resistance, 14L-SOIC
JA
90.8
—
C/W
Thermal Resistance, 14L-TSSOP
JA
100
—
C/W
Note 1:
The maximum power dissipation is a function of TJMAX,
JA and ambient temperature TA. The maximum
allowable power dissipation at an ambient temperature is PD = (TJMAX - TA)
JA. If this dissipation is
exceeded, the die temperature will rise above 150
C and the MCP2021 will go into thermal shutdown.
2.3
AC Specification (Continued)
AC CHARACTERISTICS
VBB = 6.0V to 18.0V; TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Time depends on external capacitance and load. Test condition: CREG=4.7 µF, no resistive load.
2:
Characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com