Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 26Page - Microchip Technology MCP2021-500E/P Datasheet HTML 27Page - Microchip Technology MCP2021-500E/P Datasheet HTML 28Page - Microchip Technology MCP2021-500E/P Datasheet HTML 29Page - Microchip Technology MCP2021-500E/P Datasheet HTML 30Page - Microchip Technology MCP2021-500E/P Datasheet HTML 31Page - Microchip Technology MCP2021-500E/P Datasheet HTML 32Page - Microchip Technology MCP2021-500E/P Datasheet HTML 33Page - Microchip Technology MCP2021-500E/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
MCP2021/2/1P/2P
DS20002018H-page 30
 2005-2014 Microchip Technology Inc.
FIGURE 2-9:
RESET TIMING DIAGRAM
FIGURE 2-10:
CS/LWAKE TO RESET TIMING DIAGRAM
RESET
VBB
6.0V
VREG
5.0V
5.0V
4.0V
3.5V
tRPU
tRPD
tRPD
tRPU
tCSPD
tCSR
CS/LWAKE
VREG
VREG-NOM
RESET
tRPU
tVEVR
tRPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com