Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 46Page - Microchip Technology MCP2021-500E/P Datasheet HTML 47Page - Microchip Technology MCP2021-500E/P Datasheet HTML 48Page - Microchip Technology MCP2021-500E/P Datasheet HTML 49Page - Microchip Technology MCP2021-500E/P Datasheet HTML 50Page - Microchip Technology MCP2021-500E/P Datasheet HTML 51Page - Microchip Technology MCP2021-500E/P Datasheet HTML 52Page - Microchip Technology MCP2021-500E/P Datasheet HTML 53Page - Microchip Technology MCP2021-500E/P Datasheet HTML 54Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
DS20002018H-page 52
 2005-2014 Microchip Technology Inc.
MCP2021/2/1P/2P
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2021:
LIN Transceiver with Voltage Regulator; wakes up on
dominant level of LIN bus.
MCP2021T: LIN Transceiver with Voltage Regulator; wakes up on
dominant level of LIN bus.
(Tape and Reel) (SOIC only)
MCP2022:
LIN Transceiver with Voltage Regulator, and RESET
pin; wakes up on dominant level of LIN bus.
MCP2022T: LIN Transceiver with Voltage Regulator, and RESET
pin; wakes up on dominant level of LIN bus.
(Tape and Reel) (SOIC only)
MCP2021P: LIN Transceiver with Voltage Regulator; wakes up at
a falling edge of LIN bus level.
MCP2021PT: LIN Transceiver with Voltage Regulator; wakes up at
a falling edge of LIN bus level
(Tape and Reel) (SOIC only)
MCP2022P: LIN Transceiver with Voltage Regulator, and RESET
pin; wakes up at a falling edge of LIN bus level.
MCP2022PT: LIN Transceiver with Voltage Regulator, and RESET
pin; wakes up at a falling edge of LIN bus level.
(Tape and Reel) (SOIC only)
Voltage:
330 = 3.3V
500 = 5.0V
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
MD = 8-Lead Plastic Dual Flat, No Lead – 4x4x0.9 mm Body
(DFN)
MF = 8-Lead Plastic Dual Flat, No Lead – 6x5 mm Body
(DFN-S)
P
= 14-Lead Plastic Dual In Line – 300 mil Body (PDIP)
SN = 8-Lead Plastic Small Outline – Narrow, 3.90 mm Body
(SOIC)
SL
= 14-Lead Plastic Small Outline – Narrow, 3.90 mm Body
(SOIC)
ST = 14-Lead Plastic Thin Shrink Small Outline – Narrow,
4.4 mm (TSSOP)
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2021-500E/MD: 5.0V, Extended Temperature,
8L-DFN package.
b)
MCP2021T-500E/MD: Tape and Reel,
5.0V, Extended Temperature,
8L-DFN package.
c)
MCP2021-500E/MF:
5.0V, Extended Temperature,
8L-DFN-S package.
d)
MCP2021-330E/P:
3.3V, Extended Temperature,
8L-PDIP package.
e)
MCP2021-500E/P:
5.0V, Extended Temperature,
8L-PDIP package.
f)
MCP2021-330E/SN:
3.3V, Extended Temperature,
8L-SOIC package
g)
MCP2021T-330E/SN: Tape and Reel,
3.3V, Extended Temperature,
8L-SOIC package.
h)
MCP2021-500E/SN:
5.0V, Extended Temperature,
8L-SOIC package.
i)
MCP2021T-500E/SN: Tape and Reel,
5.0V, Extended Temperature,
8L-SOIC package.
a)
MCP2022-330E/P:
3.3V, Extended Temperature,
14L-PDIP package.
b)
MCP2022-500E/P:
5.0V, Extended Temperature,
14L-PDIP package.
c)
MCP2022-330E/SL:
3.3V, Extended Temperature,
14L-SOIC package.
d)
MCP2022T-330E/SL: Tape and Reel,
3.3V, Extended Temperature,
14L-SOIC package.
e)
MCP2022-500E/SL:
5.0V, Extended Temperature,
14L-SOIC package.
f)
MCP2022T-500E/SL: Tape and Reel, 5.0V, Extended
Temperature,
14L-SOIC package.
g)
MCP2022T-500E/ST: Tape and Reel, 5.0V, Extended
Temperature,
14L-TSSOP package.
–XXX
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com