Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 12Page - Microchip Technology MCP2021-500E/P Datasheet HTML 13Page - Microchip Technology MCP2021-500E/P Datasheet HTML 14Page - Microchip Technology MCP2021-500E/P Datasheet HTML 15Page - Microchip Technology MCP2021-500E/P Datasheet HTML 16Page - Microchip Technology MCP2021-500E/P Datasheet HTML 17Page - Microchip Technology MCP2021-500E/P Datasheet HTML 18Page - Microchip Technology MCP2021-500E/P Datasheet HTML 19Page - Microchip Technology MCP2021-500E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
MCP2021/2/1P/2P
DS20002018H-page 16
 2005-2014 Microchip Technology Inc.
1.6
Internal Voltage Regulator
1.6.1
5.0V REGULATOR
The MCP2021 has a low-drop-out voltage, positive
regulator capable of supplying 5.00 VDC ±3% at up to
50 mA of load current, over the entire operating
temperature range of -40°C to +125°C. With a load
current of 50 mA, the minimum input to output voltage
differential required for the output to remain in
regulation is typically +0.5V (+1V maximum over the
full operating temperature range). Quiescent current is
less than 100 µA with a full 50 mA load current when
the input to output voltage differential is greater than
+3.00V.
Designed for automotive applications, the regulator will
protect itself from double-battery jumps and up to +43V
load dump transients. The voltage regulator has both
short-circuit and thermal-shut-down protection built in.
Regarding the correlation between VBB, VREG and IDD,
please refer to Figure 1-10 and Figure 1-11. When the
input voltage (VBB) drops below the differential needed
to provide stable regulation, the output VREG will track
the input down to approximately 3.5V, at which point
the regulator will turn off. This will allow microcontrol-
lers with internal POR circuits to generate a clean arm-
ing of the POR trip point. The MCP2021 will then
monitor VBB and turn on the regulator when VBB rises
above 5.75, again.
When the input voltage (VBB) drops below the differen-
tial needed to provide stable regulation, the output
VREG) will track the input down to approximately
+4.25V. The regulator will turn off the output at this
point. This will allow PIC microcontrollers with internal
POR circuits to generate a clean arming of the POR trip
point. The regulator output will stay off until VBB is
above +5.75 VDC.
In the start phase, the device must detect at least 5.75V
to initiate operation
during power-up.
In the
Power-Down mode, the VBB monitor will be turned off.
The regulator has a thermal shutdown. If the thermal
protection circuit detects an overtemperature condition,
and the signals TXD and RXD are Low, or TXD is High,
the regulator will shut down. The recovery from the
thermal shutdown is equal to adequate cooling time.
The regulator requires an external output bypass
capacitor for stability. See Figure 2-1 for correct
capacity and ESR for stable operation.
In worst-case scenarios, the ceramic capacitor may
derate by 50%, based on tolerance, voltage and tem-
perature. Therefore, in order to ensure stability,
ceramic capacitors smaller than 10 µF may require a
small series resistance to meet the ESR requirements,
as shown in Table 1-4.
TABLE 1-4:
RECOMMENDED SERIES
RESISTANCE FOR CERAMIC
CAPACITORS
Note:
The regulator has an overload current
limiting of approximately 100 mA. During
a short circuit, the VREG is monitored. If
VREG is lower than 3.5V, the VREG will turn
off. After a recovery time of about three
milliseconds, the VREG will be checked
again. If there is no short circuit
(VREG >3.5V), the VREG will be switched
back on.
Note:
A ceramic capacitor of at least 10 µF or a
tantalum capacitor of at least 2.2 µF is
recommended for stability.
Resistance
Capacitor
Ω
1 µF
0.47Ω
2.2 µF
0.22Ω
4.7 µF
0.1Ω
6.9 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com