Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 4Page - Microchip Technology MCP2021-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021-500E/P Datasheet HTML 9Page - Microchip Technology MCP2021-500E/P Datasheet HTML 10Page - Microchip Technology MCP2021-500E/P Datasheet HTML 11Page - Microchip Technology MCP2021-500E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MCP2021/2/1P/2P
DS20002018H-page 8
 2005-2014 Microchip Technology Inc.
FIGURE 1-2:
MCP2021/2 OPERATIONAL MODES STATE DIAGRAM
FIGURE 1-3:
MCP2021P/2P OPERATIONAL MODES DIAGRAMS
Power-Down
TX: OFF
RX: OFF
VREG:OFF
CS/LWAKE =
0
Transmitter Off
TX: OFF
RX: ON
VREG:ON
POR
TX: OFF
RX: OFF
VREG:OFF
Operation
TX: ON
RX: ON
VREG:ON
Ready
TX: OFF
RX: ON
VREG:ON
VBAT > 5.75V
CS/LWAKE =
1&
VREG_OK =
1
CS/LWAKE =
0
FAULT/TXE =
0
Or Faults*
FAULT/TXE =
1
&No Faults*
CS/LWAKE =
1
or dominant level on LBUS
Start
*Fault: thermal shutdown and TXD/LBUS permanent dominant
Note:
While the device is in shutdown, TXD should not be actively driven high or it may power internal logic
through the ESD diodes and may damage the device.
Power-Down
TX: OFF
RX: OFF
VREG:OFF
CS/LWAKE =
0
Transmitter Off
TX: OFF
RX: ON
VREG:ON
POR
TX: OFF
RX: OFF
VREG:OFF
Operation
TX: ON
RX: ON
VREG:ON
Ready
TX: OFF
RX: ON
VREG:ON
VBAT > 5.75V
CS/LWAKE =
1&
VREG_OK =
1&
FAULT/TXE =
1
CS/LWAKE =
0
FAULT/TXE =
0
Or Faults*
FAULT/TXE =
1
&No Faults*
CS/LWAKE =
1
or Falling edge on LBUS
Start
*Fault: thermal shutdown and TXD/LBUS permanent dominant
CS =
1& VREG_OK = 1
&FAULT/TXE =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com