Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 11Page - Microchip Technology MCP2021-500E/P Datasheet HTML 12Page - Microchip Technology MCP2021-500E/P Datasheet HTML 13Page - Microchip Technology MCP2021-500E/P Datasheet HTML 14Page - Microchip Technology MCP2021-500E/P Datasheet HTML 15Page - Microchip Technology MCP2021-500E/P Datasheet HTML 16Page - Microchip Technology MCP2021-500E/P Datasheet HTML 17Page - Microchip Technology MCP2021-500E/P Datasheet HTML 18Page - Microchip Technology MCP2021-500E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
 2005-2014 Microchip Technology Inc.
DS20002018H-page 15
MCP2021/2/1P/2P
FIGURE 1-7:
TYPICAL MCP2022/MCP2022P APPLICATION
FIGURE 1-8:
TYPICAL LIN NETWORK CONFIGURATION
LIN Bus
VBB
LBUS
VREG
TXD
RXD
VSS
VDD
TXD
RXD
+12
CBAT
CREG
CS/LWAKE
I/O
FAULT/
TXE
I/O
43V(5)
1k
Ω
+12
Master Node Only
+12
220 k
Ω
WAKE-UP
Note 1:
Note CREG, the load capacitor, should be ceramic or tantalum rated for extended temperatures,
1.0 – 22 µF. See Figure 2-1 to select the correct ESR.
2:
CF is the filter capacitor for the external voltage supply.
3:
This diode is only needed if is connected to the VBAT supply.
4:
Transient suppressor diode.
5:
These components are required for additional load dump protection above 43V.
6:
Required if CPU does not have internal pull-up.
(
3)
RTP(5)
100 nF
INT
or MCLR
RESET
VDD (6)
VSS
220 pF
MMBZ27V (4)
LIN bus
MCP202X
Master
(MCU)
1kΩ
VBB
Slave 1
(MCU)
Slave 2
(MCU)
Slave n <16
(MCU)
40m
+ Return
LIN bus
LIN bus
MCP202X
LIN bus
MCP202X
LIN bus
MCP202X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com