Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 24Page - Microchip Technology MCP2021-500E/P Datasheet HTML 25Page - Microchip Technology MCP2021-500E/P Datasheet HTML 26Page - Microchip Technology MCP2021-500E/P Datasheet HTML 27Page - Microchip Technology MCP2021-500E/P Datasheet HTML 28Page - Microchip Technology MCP2021-500E/P Datasheet HTML 29Page - Microchip Technology MCP2021-500E/P Datasheet HTML 30Page - Microchip Technology MCP2021-500E/P Datasheet HTML 31Page - Microchip Technology MCP2021-500E/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
MCP2021/2/1P/2P
DS20002018H-page 28
 2005-2014 Microchip Technology Inc.
2.5
Typical Performance Curves
Note:
Unless otherwise indicated, VBB = 6.0V to 18.0V; TA = -40°C to +125°C.
FIGURE 2-2:
Typical IBBQ vs.
Temperature.
FIGURE 2-3:
Typical IBBTO vs
Temperature.
FIGURE 2-4:
Typical IBBPD vs.
Temperature.
FIGURE 2-5:
MCP2021-500 Safe
Operating Range.
FIGURE 2-6:
MCP2021-330 Safe
Operating Range.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.05
0.1
0.15
0.2
-40C
25C
85C
125C
Temperature (°C)
VBB = 6V
VBB = 7.3V
VBB = 12V
VBB = 14.4V
VBB = 18V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
-40C
25C
85C
125C
Temperature (°C)
VBB = 6V
VBB = 7.3V
VBB = 12V
VBB = 14.4V
VBB = 18V
0
0.005
0.01
0.015
0.02
0.025
-40C
25C
85C
125C
Temperature (°C)
VBB = 6V
VBB = 7.3V
VBB = 12V
VBB = 14.4V
VBB = 18V
0
10
20
30
40
50
60
Temperature (
°C)
18V DFN
18V SOIC
12V SOIC
12V DFN
0
10
20
30
40
50
60
Temperature (
°C)
18V DFN
18V SOIC
12V SOIC
12V DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com