Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021-500E/P Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 14Page - Microchip Technology MCP2021-500E/P Datasheet HTML 15Page - Microchip Technology MCP2021-500E/P Datasheet HTML 16Page - Microchip Technology MCP2021-500E/P Datasheet HTML 17Page - Microchip Technology MCP2021-500E/P Datasheet HTML 18Page - Microchip Technology MCP2021-500E/P Datasheet HTML 19Page - Microchip Technology MCP2021-500E/P Datasheet HTML 20Page - Microchip Technology MCP2021-500E/P Datasheet HTML 21Page - Microchip Technology MCP2021-500E/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
MCP2021/2/1P/2P
DS20002018H-page 18
 2005-2014 Microchip Technology Inc.
1.6.2
3.3V REGULATOR
A metal option provides for a alternate 3.30 VDC ±3%
at up to 50 mA of load current over the entire operating
temperature
range
of
-40°C
to
+125°C.
All
specifications given above for the 5.0V operation apply
except for any difference noted here.
The same input tracking of 4.25V applies the 3.3V
regulator.
FIGURE 1-10:
VOLTAGE REGULATOR OUTPUT ON POR
Note:
The regulator has an overload current
limiting of approximately 100 mA. If VREG
is lower than 2.5V, the VREG will turn off.
Note 1:
Start-up, VBB <VON, regulator off.
2:
VBB >VON, regulator on.
3:
VBB
Minimum VBB to maintain regulation.
4:
VBB <VOFF, regulator will turn off.
5
3
2
0
(1)
(2)
(3)
t
0
t
6
2
8
4
VBB
V
VREG
V
1
4
VON
VOFF
Minimum VBB to maintain regulation
VREG-NOM
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com